Electronic Components Datasheet Search
  English  ▼

X  

TSS0230LU Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSS0230LU
Description  Surface Mount Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSS0230LU Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSS0230LU Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSS0230LU Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSS0230LU Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSS0230LU Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PART NO.
Note 1: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
Min
Typ.
Max
Min
Typ.
Max
L
1.60
-
1.80
0.063
-
0.071
W
0.80
-
1.00
0.031
-
0.039
T
0.70
-
0.85
0.028
-
0.033
C
-
0.35
-
-
0.014
-
D
-
0.70
-
-
0.028
-
E
-
0.30
-
-
0.012
-
Document Number: DS_S1412031
Version: B14
TSS0230LU
Taiwan Semiconductor
Small Signal Product
ORDERING INFORMATION
PART NO.
SUFFIX (Note 1)
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
TSS0230LU
-xx
R4
G
0603-B
4K / 7" Reel
EXAMPLE
PREFERRED P/N
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
Defined manufacture
source
Green compound
TSS0230LU R4G
TSS0230LU
R4
G
Multiple manufacture
source
Green compound
PACKAGE OUTLINE DIMENSION
0603-B
DIM.
Unit (mm)
Unit (inch)
TSS0230LU-F0 R4G
TSS0230LU
-F0
R4
G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com