Electronic Components Datasheet Search
  English  ▼

X  

TSS0230LU Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSS0230LU
Description  Surface Mount Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSS0230LU Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSS0230LU Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSS0230LU Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSS0230LU Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSS0230LU Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- Designed for mounting on small surface
- Extremely thin/leadless package
- Low capacitance
- Low forward voltage drop
- Packing code with suffix "G" means
green compound (halogen-free)
MECHANICAL DATA
- Case: 0603-B
- Terminal: Gold plated, solderable per
MIL-STD-750, method 2026
- Polarity : Indicated by cathode band
- Weight : 0.003 g (approximately)
- Marking code: BA
SYMBOL
UNIT
VRRM
V
VR
V
IO
mA
Pd
mW
VF
V
IR
μA
TJ
oC
TSTG
oC
Document Number: DS_S1412031
Version: B14
TSS0230LU
Taiwan Semiconductor
Small Signal Product
Surface Mount Schottky Barrier Diode
FEATURES
0603-B
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
VALUE
Repetitive Peak Reverse Voltage
35
VR=10V
30
DC Reverse Voltage
30
Average Forward Current
200
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Superimposed on Rate Load
IFSM
1.0
Storage Temperature
-40 to +125
Junction Temperature
-40 to +125
A
Power Dissipation
150
Forward Voltage @ IF=200mA
0.5
Reverse Leakage Current


Similar Part No. - TSS0230LU

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSS0230LU TSC-TSS0230LU Datasheet
140Kb / 3P
0.2Amp Surface Mount Schottky Barrier Diode
More results

Similar Description - TSS0230LU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com