Electronic Components Datasheet Search
  English  ▼

X  

UG2JA Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # UG2JA
Description  Surface Mount Ultra Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UG2JA Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  UG2JA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UG2JA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UG2JA Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UG2JA Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
UG2JA
UG2JA
UG2JA
(TA=25℃ unless otherwise noted)
Document Number: DS_D1404007
Version: A14
UG2JAHF3
F3
AEC-Q101 qualified
Green compound
G
AEC-Q101
QUALIFIED
Prefix "H"
7,500 / 13" Plastic reel
7,500 / 13" Paper reel
1,800 / 7" Plastic reel
PACKING
RATINGS AND CHARACTERISTICS CURVES
UG2JA F3
F3
UG2JA F3G
F3
H
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
UG2JA
F3
Suffix "G"
EXAMPLE
F4
DESCRIPTION
AEC-Q101
QUALIFIED
UG2JA
Taiwan Semiconductor
PACKING CODE GREEN COMPOUND
CODE
PACKAGE
Folded SMA
ORDERING INFORMATION
Folded SMA
F2
Folded SMA
0
0.5
1
1.5
2
2.5
0
25
50
75
100
125
150
LEAD TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTER OR
INDUCTIVE LOAD
0
10
20
30
40
50
60
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
0.01
0.1
1
10
100
0
2040
6080
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
Pulse Width=300μs
1% Duty Cycle
TJ=25℃
TJ=125℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com