Electronic Components Datasheet Search
  English  ▼

X  

UG2JA Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # UG2JA
Description  Surface Mount Ultra Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UG2JA Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UG2JA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UG2JA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UG2JA Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UG2JA Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Fast forward recovery time for high frequency operation
- Negligible switching losses
- Ultrafast reverse recovery time
- Reduces switching and conduction losses
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Designed for high frequency switching mode inverters and converters for consumer,
computers,lighting, automotive and telecommunications.
The low IRRM is an immediately advantage to reduce the switching losses in associated
of switching devices. Also suitable as priority protection and other rectifications purposes.
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test,
with prefix "H" on packing code meet JESD 201 class 2 whisker test
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
VFP
V
Cj
pF
TJ
OC
TSTG
OC
Document Number: DS_D1404007
Version: A14
UG2JA
Taiwan Semiconductor
Surface Mount Ultra Fast Rectifiers
FEATURES
- Moisture sensitivity level: level 1, per J-STD-020
Polarity:
Indicated by cathode band
Weight:
0.07g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
UG2JA
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
DO-214AC (SMA)
TYPICAL APPLICATIONS
MECHANICAL DATA
Case:
DO-214AC (SMA)
Maximum repetitive peak reverse voltage
600
Maximum RMS voltage
420
Maximum DC blocking voltage
600
Maximum average forward rectified current
2
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
40
A
Maximum instantaneous forward voltage (Note 1)
@ 2 A
VF
1.30
V
Maximum reverse current @ rated VR
TJ=25 ℃
IR
2
μA
50
TJ=125 ℃
ns
-
100
Reverse recovery time (Note 2)
t
rr
Typ.
Max.
ns
40
55
Forward recovery voltage (Note 3)
-
9
Forward recovery time (Note 3)
t
fr
Typ.
Max.
Typical junction capacitance (Note 4)
20
Typical thermal resistance
RθjL
RθjA
25
70
OC/W
Note 3: Forward Recovery Test Conditions: IF=2A, dIF/dt = 100A/µs, VFR =1.1 x VFmax
Note 4: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300 μs, 1% duty cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A


Similar Part No. - UG2JA

ManufacturerPart #DatasheetDescription
logo
RFE international
UG2JA RFE-UG2JA Datasheet
2Mb / 3P
Surface Mount Super Fast Recovery Rectifier Diodes
14-01-2021
logo
Taiwan Semiconductor Co...
UG2JAH TSC-UG2JAH Datasheet
505Kb / 6P
2A, 600V High Efficient Surface Mount Rectifier
More results

Similar Description - UG2JA

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
US1A WEITRON-US1A Datasheet
128Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
HY ELECTRONIC CORP.
UF1AA HY-UF1AA Datasheet
35Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
EIC discrete Semiconduc...
US1A EIC-US1A Datasheet
67Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
US2A JUXING-US2A Datasheet
1Mb / 3P
Surface Mount Ultra Fast Rectifiers
US3ABF JUXING-US3ABF Datasheet
620Kb / 3P
Surface Mount Ultra Fast Rectifiers
US2AF JUXING-US2AF Datasheet
1Mb / 3P
Surface Mount Ultra Fast Rectifiers
US2A JUXING-US2A_18 Datasheet
1Mb / 2P
Surface Mount Ultra Fast Rectifiers
US3A JUXING-US3A_18 Datasheet
1Mb / 2P
Surface Mount Ultra Fast Rectifiers
US2A_18 JUXING-US2A_18_03 Datasheet
1Mb / 2P
Surface Mount Ultra Fast Rectifiers
DHE1A JUXING-DHE1A_19 Datasheet
1Mb / 3P
Surface Mount Ultra Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com