Electronic Components Datasheet Search
  English  ▼

X  

LTC1091 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1091
Description  1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1091 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1091 Datasheet HTML 4Page - Linear Technology LTC1091 Datasheet HTML 5Page - Linear Technology LTC1091 Datasheet HTML 6Page - Linear Technology LTC1091 Datasheet HTML 7Page - Linear Technology LTC1091 Datasheet HTML 8Page - Linear Technology LTC1091 Datasheet HTML 9Page - Linear Technology LTC1091 Datasheet HTML 10Page - Linear Technology LTC1091 Datasheet HTML 11Page - Linear Technology LTC1091 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
LTC1091/LTC1092
LTC1093/LTC1094
LTC1092/LTC1093/LTC1094
Reference Current vs Temperature
AMBIENT TEMPERATURE (
°C)
–50
0.6
0.5
0.4
0.3
0.2
0.1
0
50
1091/2/3/4 G28
–25
0
25
75
125
100
VREF = 5V
AMBIENT TEMPERATURE (
°C)
–50
0
100
300
400
500
1000
700
0
25
50
125
1091/2/3/4 G29
200
800
900
600
–25
75
100
ON-CHANNEL
OFF-CHANNEL
GUARANTEED
LTC1093/LTC1094 Input Channel
Leakage Current vs Temperature
PI FU CTIO S
LTC1091/LTC1092
CS (Pin 1): Chip Select Input. A logic low on this input
enables the LTC1091/LTC1092.
CH0, CH1/+ IN, – IN (Pins 2, 3): Analog Inputs. These
inputs must be free of noise with respect to GND.
GND (Pin 4): Analog Ground. GND should be tied directly
to an analog ground plane.
DIN (Pin 5)(LTC1091): Digital Data Input. The multiplexer
address is shifted into this input.
VREF (Pin 5)(LTC1092): Reference Input. The reference
input defines the span of the A/D converter and must be
kept free of noise with respect to AGND.
DOUT (Pin 6): Digital Data Output. The A/D conversion
result is shifted out of this output.
CLK (Pin 7): Shift Clock. This clock synchronizes the serial
data transfer.
VCC(VREF)(Pin 8)(LTC1091): Positive Supply and Refer-
ence Voltage. This pin provides power and defines the
span of the A/D converter. It must be kept free of noise and
ripple by bypassing directly to the analog ground plane.
VCC (Pin 8 )(LTC1092): Positive Supply Voltage. This pin
provides power to the A/D converter. It must be kept free
of noise and ripple by bypassing directly to the analog
ground plane.
LTC1093/LTC1094
CH0 to CH5/CH0 to CH7 (Pins 1 to 6/Pins 1 to 8): Analog
Inputs. The analog inputs must be free of noise with
respect to AGND.
COM (Pin 7/Pin 9): Common. The common pin defines the
zero reference point for all single-ended inputs. It must be
free of noise and is usually tied to the analog ground plane.
DGND (Pin 8/Pin 10): Digital Ground. This is the ground
for the internal logic. Tie to the ground plane.
V – (Pin 9/Pin 11): Negative Supply. Tie V – to most
negative potential in the circuit. (Ground in single supply
applications.)
AGND (Pin 10/Pin 12): Analog Ground. AGND should be
tied directly to the analog ground plane.
CC
HARA TERISTICS
A
TYPICALPERFOR
CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com