Electronic Components Datasheet Search
  English  ▼

X  

LTC1091 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC1091
Description  1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1091 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC1091 Datasheet HTML 22Page - Linear Technology LTC1091 Datasheet HTML 23Page - Linear Technology LTC1091 Datasheet HTML 24Page - Linear Technology LTC1091 Datasheet HTML 25Page - Linear Technology LTC1091 Datasheet HTML 26Page - Linear Technology LTC1091 Datasheet HTML 27Page - Linear Technology LTC1091 Datasheet HTML 28Page - Linear Technology LTC1091 Datasheet HTML 29Page - Linear Technology LTC1091 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
26
LTC1091/LTC1092
LTC1093/LTC1094
S
APPLICATI
TYPICAL
–
+
LTC1052
56k
TO
MCU
47
Ω
3.4k
1%
1k
0.1%
178k
0.1%
0.33
µF
1
µF
10
µF
1091 TA03
20k
4
1
4
4
5
6
8
6
7
3
2
2
2
8
0.1
µF
0.1
µF
CS
CH0
CH1
GND
VCC
CLK
DOUT
DIN
LTC1091A
1N4148
9V
0.1
µF
1
µF
10k
+
LT1021-5
LT1025A
COMMON
VIN
VIN
VOUT
GND
J TYPE
J
–
+
0
°C to 500°C Furnace Exhaust Gas Temperature Monitor with Low Supply Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com