Electronic Components Datasheet Search
  English  ▼

X  

LTC1096LC Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1096LC
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1096LC Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1096LC Datasheet HTML 5Page - Linear Technology LTC1096LC Datasheet HTML 6Page - Linear Technology LTC1096LC Datasheet HTML 7Page - Linear Technology LTC1096LC Datasheet HTML 8Page - Linear Technology LTC1096LC Datasheet HTML 9Page - Linear Technology LTC1096LC Datasheet HTML 10Page - Linear Technology LTC1096LC Datasheet HTML 11Page - Linear Technology LTC1096LC Datasheet HTML 12Page - Linear Technology LTC1096LC Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LTC1096/LTC1096L
LTC1098/LTC1098L
SUPPLY VOLTAGE, VCC (V)
0
3
4
5
8
LTC1096/98 • TPC12
2
1
0
2
4
6
10
TA = 25°C
Digital Input Logic Threshold
vs Supply Voltage
Maximum Clock Frequency vs
Supply Voltage
Maximum Clock Frequency vs
Source Resistance
SUPPLY VOLTAGE (V)
0
0
0.25
0.5
0.75
1.0
1.25
1.5
246
8
LTC1096/98 • TPC11
10
TA = 25°C
VREF = 2.5V
RSOURCE
– (kΩ)
1
0
0.25
0.50
1
10
100
LTC1096/98 • TPC10
0.75
+ INPUT
– INPUT
RSOURCE
–
VIN
TA = 25°C
VCC = VREF = 5V
Wake-Up Time vs Supply Voltage
SUPPLY VOLTAGE, VCC (V)
0
3
4
8
LTC1096/98 • TPC13
2
1
0
2
4
6
10
TA = 25°C
VREF = 2.5V
RSOURCE (kΩ)
1
0
2.5
5.0
10
10
100
LTC1096/98 • TPC14
7.5
TA = 25°C
VREF = 5V
+
–
VIN
RSOURCE
+
Minimum Wake-Up Time
vs Source Resistance
TEMPERATURE (°C)
–60
10
100
1000
100
LTC1096/98 • TPC15
1
0.1
0.01
–20
20
60
140
–40
0
40
80
120
VREF = 5V
VCC = 5V
ON CHANNEL
OFF CHANNEL
Input Channel Leakage Current
vs Temperature
Minimum Clock Frequency for
0.1LSB Error
† vs Temperature
ENOBs vs Frequency
FFT Plot
FREQUENCY (kHz)
1
0
2
4
6
8
10
10
100
LTC1096/98 • TPC17
9
7
5
3
1
TA = 25°C
VCC = VREF = 5V
fSMPL = 31.25kHz
TEMPERATURE (
°C)
–60
120
160
200
100
LTC1096/98 • TPC16
60
40
0
–20
20
60
140
–40
0
40
80
120
VREF = 5V
VCC = 5V
180
140
100
80
20
FREQUENCY (kHz)
0
–100
–90
–70
–60
–50
0
–30
2
4
LTC1096/98 • TPC18
–80
–20
–10
–40
6
8
10
12
14
16
TA = 25°C
VCC = VREF = 5V
fSMPL = 31.25kHz
fIN = 5.8kHz
* Maximum CLK frequency represents the clock frequency at which a 0.1LSB shift in the error at any code
transition from its 0.75MHz value is first detected.
† As the CLK frequency is decreased from 500kHz, minimum CLK frequency (
∆error ≤ 0.1LSB) represents
the frequency at which a 0.1LSB shift in any code transition from its 500kHz value is first detected.
CC
HARA TERISTICS
A
TYPICALPERFOR
CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com