Electronic Components Datasheet Search
  English  ▼

X  

LTC1096LC Datasheet(PDF) 26 Page - Linear Technology

Part # LTC1096LC
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1096LC Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC1096LC Datasheet HTML 20Page - Linear Technology LTC1096LC Datasheet HTML 21Page - Linear Technology LTC1096LC Datasheet HTML 22Page - Linear Technology LTC1096LC Datasheet HTML 23Page - Linear Technology LTC1096LC Datasheet HTML 24Page - Linear Technology LTC1096LC Datasheet HTML 25Page - Linear Technology LTC1096LC Datasheet HTML 26Page - Linear Technology LTC1096LC Datasheet HTML 27Page - Linear Technology LTC1096LC Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
LTC1096/LTC1096L
LTC1098/LTC1098L
S
APPLICATI
TYPICAL
Remote or Isolated Systems
Figure 16 shows a floating system that sends data to a
grounded host system. The floating circuitry is isolated by
two optoisolators and powered by a simple capacitor
diode charge pump. The system has very low power
requirements because the LTC1096 shuts down between
conversions and the optoisolators draw power only when
data is being transferred. The system consumes only
50
µA at a sample rate of 10Hz (1ms on-time and 99ms off-
time). This is easily within the current supplied by the
charge pump running at 5MHz. If a truly isolated system
is required, the system’s low power simplifies generating
an isolated supply or powering the system from a battery.
Figure 16. Power for This Floating A/D System Is Provided by a Simple Capacitor Diode Charge Pump. The Two Optoisolators
Draw No Current Between Samples, Turning On Only to Send the Clock and Receive Data
LTC1096
+IN
–IN
DOUT
CS
CLK
VCC
GND
VREF
75k
LT1004-2.5
1k
20k
0.1
µF
1N5817
0.022
µF
47
µF
1N5817
1N5817
0.001
µF
2kV
5MHz
100k
300
Ω
10k
500k
ANALOG
INPUT
FLOATING SYSTEM
CLK
DATA
100k
LTC1096/8 • F16
2N3904
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com