Electronic Components Datasheet Search
  English  ▼

X  

LTC1144 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1144
Description  Switched-Capacitor Wide Input Range Voltage Converter with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1144 Datasheet(HTML) 4 Page - Linear Technology

  LTC1144 Datasheet HTML 1Page - Linear Technology LTC1144 Datasheet HTML 2Page - Linear Technology LTC1144 Datasheet HTML 3Page - Linear Technology LTC1144 Datasheet HTML 4Page - Linear Technology LTC1144 Datasheet HTML 5Page - Linear Technology LTC1144 Datasheet HTML 6Page - Linear Technology LTC1144 Datasheet HTML 7Page - Linear Technology LTC1144 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1144
TYPICAL PERFORMANCE CHARACTERISTICS
Power Conversion Efficiency and
Supply Current vs Load Current
OSCILLATOR FREQUENCY (kHz)
0.1
0
2000
3000
1
10
100
LTC1144 • TPC12
1000
1
µF
10
µF
100
µF
TA = 25°C
V+ = 15V
OSCILLATOR FREQUENCY (kHz)
0.1
70
90
95
100
1
10
100
LTC1144 • TPC11
85
80
75
TA = 25°C, V
+ = 15V
BOOST = OPEN
IL = 20mA
IL = 3mA
1
µF
1
µF
10
µF
10
µF
100
µF
100
µF
Power Conversion Efficiency
vs Oscillator Frequency
Output Resistance
vs Oscillator Frequency
Output Voltage vs Load Current
LOAD CURRENT (mA)
–10
–5
0
0.001
0.1
1
100
LTC1144 • TPC15
–15
0.01
10
V+ = 15V
TA = 25°C
C1 = C2
BOOST = 15V
0.1
µF
0.1
µF
1
µF
1
µF
10
µF
10
µF
BOOST = OPEN
Output Voltage vs Load Current
LOAD CURRENT (mA)
–4
–3
–2
–1
0
0.001
0.1
1
100
LTC1144 • G14
–5
0.01
10
0.1
µF
0.1
µF10µF
10
µF
1
µF
1
µF
V+ = 5V
TA = 25°C
C1 = C2
BOOST = 5V
BOOST = OPEN
LOAD CURRENT (mA)
0.01
0
500
1000
1
µF
1
µF
1500
0.1
1
LTC1144 • TPC13
10
100
0.1
µF
10
µF
10
µF
V+ = 5V
TA = 25°C
C1 = C2
BOOST = 5V
BOOST =
OPEN
0.1
µF
Ripple Voltage vs Load Current
PI FU CTIO S
Boost (Pin 1): This pin will raise the oscillator frequency
by a factor of 10 if tied high.
CAP+ (Pin 2): Positive Terminal for Pump Capacitor.
GND (Pin 3): Ground Reference.
CAP – (Pin 4): Negative Terminal for Pump Capacitor.
VOUT (Pin 5): Output of the Converter.
SHDN (Pin 6): Shutdown Pin. Tie to V + pin or leave floating
for normal operation. Tie to ground when in shutdown
mode.
OSC (Pin 7): Oscillator Input Pin. This pin can be overdriven
with an external clock or can be slowed down by connect-
ing an external capacitor between this pin and ground.
V + (Pin 8): Input Voltage.
LOAD CURRENT (mA)
0
60
80
100
16
LTC1144 • TPC10
40
20
0
30
40
50
20
10
0
4
8
12
20
PEFF
IS
TA = 25°C
V+ = 5V
C1 = C2 = 10
µF
BOOST = OPEN
(SEE TEST CIRCUIT)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com