Electronic Components Datasheet Search
  English  ▼

X  

LTC1144 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1144
Description  Switched-Capacitor Wide Input Range Voltage Converter with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1144 Datasheet(HTML) 7 Page - Linear Technology

  LTC1144 Datasheet HTML 1Page - Linear Technology LTC1144 Datasheet HTML 2Page - Linear Technology LTC1144 Datasheet HTML 3Page - Linear Technology LTC1144 Datasheet HTML 4Page - Linear Technology LTC1144 Datasheet HTML 5Page - Linear Technology LTC1144 Datasheet HTML 6Page - Linear Technology LTC1144 Datasheet HTML 7Page - Linear Technology LTC1144 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC1144
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
S
APPLICATI
TYPICAL
Negative Voltage Converter
Figure 8 shows a typical connection which will provide a
negative supply from an available positive supply. This
circuit operates over full temperature and power supply
ranges
without the need of any external diodes.
The output voltage (pin 5) characteristics of the circuit are
those of a nearly ideal voltage source in series with a 56
Ω
resistor. The 56
Ω output impedance is composed of two
terms: 1) the equivalent switched capacitor resistance
(see Theory of Operation), and 2) a term related to the on-
resistance of the MOS switches.
Figure 9. Voltage Doubler
1
2
3
4
8
7
6
5
+
+
+
+
VIN
2V TO 18V
VOUT = 2(VIN – 1)
10
µF10µF
Vd
1N4148
Vd
1N4148
1144 F09
LTC1144
Ultra-Precision Voltage Divider
An ultra-precision voltage divider is shown in Figure 10. To
achieve the 0.0002% accuracy indicated, the load current
should be kept below 100nA. However, with a slight loss
in accuracy, the load current can be increased.
At an oscillator frequency of 10kHz and C1 = 10
µF, the first
term is:
R
fC
EQUIV
OSC
= ()× = ×× × =
−
1
21
1
510
10 10
20
36
/
Ω
Notice that the above equation for REQUIV is not a capaci-
tive reactance equation (XC = 1/ωC) and does not contain
a 2
π term.
The exact expression for output impedance is extremely
complex, but the dominant effect of the capacitor is clearly
shown in Figure 5. For C1 = C2 = 10
µF, the output
impedance goes from 56
Ω at fOSC = 10kHz to 250Ω at
fOSC = 1kHz. As the 1/(f × C) term becomes large compared
to the switch on-resistance term, the output resistance is
determined by 1/(f
× C) only.
Voltage Doubling
Figure 9 shows a two-diode capacitive voltage doubler.
With a 15V input, the output is 29.45V with no load and
28.18V with a 10mA load.
Figure 8. Negative Voltage Converter
1
2
3
4
8
7
6
5
+
10
µF
10
µF
V+
2V TO 18V
VOUT = –V
+
TMIN ≤ TA ≤ TMAX
1144 F08
LTC1144
1
2
3
4
8
7
6
5
+
+
C2
10
µF
C1
10
µF
V+
4V TO 36V
1144 F10
LTC1144
±0.002%
TMIN ≤ TA ≤ TMAX
IL ≤ 100nA
V+
2
Figure 10. Ultra-Precision Voltage Divider
Battery Splitter
A common need in many systems is to obtain (+) and (–)
supplies from a single battery or single power supply
system. Where current requirements are small, the circuit
shown in Figure 11 is a simple solution. It provides
symmetrical
± output voltages, both equal to one half the
input voltage. The output voltages are both referenced to
pin 3 (output common).
1
2
3
4
8
7
6
5
+
C2
10
µF
C1
10
µF
OUTPUT
COMMON
VB/2
9V
–VB/2
–9V
1144 F11
LTC1144
VB
18V
+
Figure 11. Battery Splitter



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com