Electronic Components Datasheet Search
  English  ▼

X  

LTC1154CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1154CS8
Description  High-Side Micropower MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1154CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1154CS8 Datasheet HTML 8Page - Linear Technology LTC1154CS8 Datasheet HTML 9Page - Linear Technology LTC1154CS8 Datasheet HTML 10Page - Linear Technology LTC1154CS8 Datasheet HTML 11Page - Linear Technology LTC1154CS8 Datasheet HTML 12Page - Linear Technology LTC1154CS8 Datasheet HTML 13Page - Linear Technology LTC1154CS8 Datasheet HTML 14Page - Linear Technology LTC1154CS8 Datasheet HTML 15Page - Linear Technology LTC1154CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1154
S
APPLICATI
TYPICAL
High-Side Relay Driver with Over-Current
Protection and Status Feedback
24V to 28V Switch with Bootstrapped Supply
†A 51k pullup resistor should be connected between Status Output and 5V Logic Supply.
“4-Cell-to-5V” Extremely Low Voltage Drop Regulator with
Over-Current Shutdown, Status Feedback, Ramped Turn-ON
and 8
µA Standby Current
IN
EN
STATUS
†
GND
VS
DS
G
SD
LTC1154
MTP15N06E
24V TO 28V
LTC1154 • TA07
24V TO 28V
LOAD
5V
*KEYSTONE RL2006-100-100-30-PT.
MOUNT ON MOSFET OR LOAD HEAT SINK.
I Q(OFF) = 60µA, IQ(ON) = 1mA.
µP OR
CONTROL
LOGIC
10
µF
+
100
µF
100k
18V
PTC
THERMISTOR
(100°C)*
200k
+
6.2k
1N4148
IN
EN
STATUS
†
GND
VS
DS
G
SD
LTC1154
MTD3055E
12V
LTC1154 • TA08
5V
COIL CURRENT LIMITED TO 350mA.
CONTACT CURRENT LIMITED TO 5A.
µP OR
CONTROL
LOGIC
+
100
µF
0.02
Ω
0.01
µF 1N4148
10k
2
Ω
TO 12V
LOAD
15V
1N4001
IN
EN
STATUS
†
GND
VS
DS
G
SD
LTC1154
LTC1154 • TA09
1N4148
100k
100k
0.22
µF
+
100
µF
4-CELL
BATTERY
PACK
200pF
10k
8
LT1431
7
3
4
1
5
6
0.036
Ω
IRLR024
5V/2A
+
470
µF
ESR < 0.5
Ω
5V
µP OR
CONTROL
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com