Electronic Components Datasheet Search
  English  ▼

X  

LTC1154CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1154CS8
Description  High-Side Micropower MOSFET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1154CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1154CS8 Datasheet HTML 8Page - Linear Technology LTC1154CS8 Datasheet HTML 9Page - Linear Technology LTC1154CS8 Datasheet HTML 10Page - Linear Technology LTC1154CS8 Datasheet HTML 11Page - Linear Technology LTC1154CS8 Datasheet HTML 12Page - Linear Technology LTC1154CS8 Datasheet HTML 13Page - Linear Technology LTC1154CS8 Datasheet HTML 14Page - Linear Technology LTC1154CS8 Datasheet HTML 15Page - Linear Technology LTC1154CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
LTC1154
S
APPLICATI
TYPICAL
Auto-Reset High-Side Switch with Over-Current
and Over-Current Temperature Shutdown
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of circuits as described herein will not infringe on existing patent rights.
SCSI Termination Power Switch with 1A Over-Current Shutdown,
Auto-Reset and Load Soft-Start
IN
EN
STATUS
GND
VS
DS
G
SD
LTC1154
MTP12N06
12V
LTC1154 • TA13
12V
LOAD
18V
PTC
THERMISTOR
(100°C)*
200k
0.036
Ω
+
100
µF
1M
RT
1M**
+
CT
100
µF**
VN2222LL
ON/OFF
KEYSTONE RL2006-100-100-30-PT.
AUTO-RESET PERIOD
≈ 800ms WITH COMPONENTS SHOWN
*
**
5V
LTC1154 • TA14
0.1
µF
+
100
µF
47
µF
ON/OFF
+
10k
1N4148
MTD3055EL
1N4148
100k
100k
0.22
µF
1N5817
+
10
µF
4.25V/1A
20
Ω
IN
EN
STATUS
GND
VS
DS
G
SD
LTC1154
1M
VN2222LL
+
1
µF
1M
0.1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com