Electronic Components Datasheet Search
  English  ▼

X  

LTC1174 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1174
Description  High Efficiency Step-Down and Inverting DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1174 Datasheet(HTML) 3 Page - Linear Technology

  LTC1174 Datasheet HTML 1Page - Linear Technology LTC1174 Datasheet HTML 2Page - Linear Technology LTC1174 Datasheet HTML 3Page - Linear Technology LTC1174 Datasheet HTML 4Page - Linear Technology LTC1174 Datasheet HTML 5Page - Linear Technology LTC1174 Datasheet HTML 6Page - Linear Technology LTC1174 Datasheet HTML 7Page - Linear Technology LTC1174 Datasheet HTML 8Page - Linear Technology LTC1174 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1174
LTC1174-3.3/LTC1174-5
ELECTRICAL C
C
HARA TERISTICS TA = 25°C, VIN = 9V, VSHUTDOWN = VIN, IPGM = 0V, unless otherwise noted.
–40
°C ≤ TA ≤ 85°C (Note 6), for LTC1174I only.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VFB
Feedback Voltage
LTC1174I
1.18
1.25
1.31
V
ILBOUT
Current Sunk by Pin 2
VLBOUT = 0.4
0.75
1.2
2
mA
IPEAK
Current Limit
IPGM = VIN, VOUT = 0V
0.54
0.60
0.78
A
IPGM = 0V, VOUT = 0V
0.34
A
tOFF
Switch Off-Time (Note 5)
VOUT at Regulated Value
2
4
6
µs
The q denotes specifications which apply over the full operating
temperature range.
Note 1: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC1174CN8, LTC1174CN8-3.3, LTC1174CN8-5:
TJ = TA + (PD × 110°C/W)
LTC1174CS8, LTC1174CS8-3.3, LTC1174CS8-5:
TJ = TA + (PD × 150°C/W)
Note 2: Guaranteed by design.
Note 3: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
Note 4: Current into pin 6 only, measured without electrolytic input
capacitor.
Note 5: The off-time is wafer-sort trimmed.
Note 6: The LTC1174I is not tested and not quality assurance sampled at
–40
°C and 85°C. These specifications are guaranteed by design and/or
correlation.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Input DC Supply Current (Note 3)
Active Mode
LTC1174: 4V < VIN < 12V, IPGM = 0V
450
600
µA
LTC1174HV: 4V < VIN < 16V, IPGM = 0V
450
600
µA
Sleep Mode
LTC1174: 4V < VIN < 12V
130
180
µA
LTC1174HV: 4V < VIN < 16V
130
180
µA
SHUTDOWN (Note 4)
LTC1174: VSHUTDOWN = 0V, 4V < VIN < 12V
1
10
µA
LTC1174HV: VSHUTDOWN = 0V, 4V < VIN < 16V
2
25
µA
VLBTRIP
Low-Battery Trip Point
1.25
1.4
V
ILBIN
Current into Pin 3
0.5
µA
ILBOUT
Current Sunk by Pin 2
LTC1174: VLBOUT = 0.4V
1.0
1.2
1.5
mA
LTC1174HV: VLBOUT = 0.4V
0.6
0.8
1.5
mA
VHYST
Comparator Hysteresis
LTC1174/LTC1174HV
7.5
15
30
mV
IPEAK
Current Limit
IPGM = VIN, VOUT = 0V
q
0.54
0.60
0.78
A
IPGM = 0V, VOUT = 0V
q
0.27
0.34
0.50
A
RON
ON Resistance of Switch
LTC1174
q
0.75
1.30
Ω
LTC1174HV
q
0.90
1.55
Ω
tOFF
Switch Off-Time (Note 5)
VOUT at Regulated Value
3
4
5
µs
VIH
SHUTDOWN Pin High
Minimum Voltage at Pin 8 for Device to Be Active
1.2
V
VIL
SHUTDOWN Pin Low
Maximum Voltage at Pin 8 for Device to Be in Shutdown
0.75
V
IIH
SHUTDOWN Pin Input Current
LTC1174: VSHUTDOWN = 12V
0.5
µA
LTC1174HV: VSHUTDOWN = 16V
2.0
IIL
SHUTDOWN Pin Input Current
0
≤ VSHUTDOWN ≤ 0.8V
0.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com