Electronic Components Datasheet Search
  English  ▼

X  

LTC1174 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1174
Description  High Efficiency Step-Down and Inverting DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1174 Datasheet(HTML) 5 Page - Linear Technology

  LTC1174 Datasheet HTML 1Page - Linear Technology LTC1174 Datasheet HTML 2Page - Linear Technology LTC1174 Datasheet HTML 3Page - Linear Technology LTC1174 Datasheet HTML 4Page - Linear Technology LTC1174 Datasheet HTML 5Page - Linear Technology LTC1174 Datasheet HTML 6Page - Linear Technology LTC1174 Datasheet HTML 7Page - Linear Technology LTC1174 Datasheet HTML 8Page - Linear Technology LTC1174 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1174
LTC1174-3.3/LTC1174-5
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Supply Current in Shutdown
Switch Resistance vs
Input Voltage
INPUT VOLTAGE (V)
0
8
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1174 G11
414
2
6
10
12
SHUTDOWN = 0V
TA = 25°C
CURRENT INTO PIN 6 ONLY
INPUT VOLTAGE (V)
5
7
9
10
14
1174 G10
68
11
12
13
95
94
93
92
91
90
89
VOUT = 5V
L = 100
µH
COIL = CTX100-4
ILOAD = 300mA
IPGM = VIN
ILOAD = 100mA
IPGM = 0V
Efficiency vs Input Voltage
DC Supply Current
INPUT VOLTAGE (V)
0
500
450
400
350
300
250
200
150
100
50
0
4
8
10
1174 G12
2
6
12
14
ACTIVE MODE
IPGM = VIN
SLEEP MODE
IPGM = 0V
TA = 25°C
Operating Frequency
vs VIN – VOUT
(VIN – VOUT) VOLTAGE (V)
0
9
1174 G13
2
57
2.0
1.5
1.0
0.5
0
1
3
4
6
8
VOUT = 5V
TA = 25°C
TA = 70°C
Off-Time vs Output Voltage
SW(Pin5): Drain of the P-Channel MOSFETSwitch. Cathode
of Schottky diode must be closely connected to this pin.
VIN (Pin 6): Input Supply Voltage. It must be decoupled
close to ground pin 4.
IPGM (Pin 7): Selects the Current Limit of the P-Channel
Switch. With IPGM = VIN, the current trip point is 600mA and
with IPGM = 0V, the current trip value is reduced to 340mA.
SHUTDOWN (Pin 8): Pulling this pin to ground keeps the
internal switch off and puts the LTC1174 in micropower
shutdown.
PI FU CTIO S
VOUT (VFB) (Pin 1):For the LTC1174, this pin connects to the
main voltage comparator’s input. On the LTC1174-3.3 and
LTC1174-5 this pin goes to an internal resistive divider
which sets the output voltage.
LBOUT (Pin 2): Open Drain of an N-Channel Pull-Down. This
pin will sink current when pin 3 (LBIN) goes below 1.25V.
During shutdown this pin goes to high impedance.
LBIN (Pin 3): The “–” Input of the Low-Battery Voltage
Comparator. The “+” input is connected to a reference
voltage of 1.25V.
GND (Pin 4): Ground Pin.
OUTPUT VOLTAGE (V)
0
50
40
30
20
10
0
4
1174 G15
1
2
3
5
LTC1174-5
LTC1174HV-5
LTC1174-3.3
LTC1174HV-3.3
INPUT VOLTAGE (V)
4
12
1174 G14
6
8
10
14
16
18
20
TA = 25°C
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
LTC1174HV
LTC1174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com