Electronic Components Datasheet Search
  English  ▼

X  

LTC1258 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1258
Description  Micropower Low Dropout References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1258 Datasheet(HTML) 2 Page - Linear Technology

  LTC1258 Datasheet HTML 1Page - Linear Technology LTC1258 Datasheet HTML 2Page - Linear Technology LTC1258 Datasheet HTML 3Page - Linear Technology LTC1258 Datasheet HTML 4Page - Linear Technology LTC1258 Datasheet HTML 5Page - Linear Technology LTC1258 Datasheet HTML 6Page - Linear Technology LTC1258 Datasheet HTML 7Page - Linear Technology LTC1258 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1258 Series
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
(Note 1)
Supply Voltage ........................................................ 13V
Input Voltages ........................................... –0.3V to 13V
Output Voltages ......................................... –0.3V to 13V
Output Short Circuit Duration .......................... Indefinite
LTC1258CMS8
LTC1258CMS8-2.5
LTC1258CMS8-3
LTC1258CMS8-4.1
LTC1258CMS8-5
TJMAX = 125°C, θJA = 190°C/W
MS8 PART MARKING
LTEL
LTCF
LTEU
LTEN
LTEM
Consult factory for Industrial and Military grade parts.
1
2
3
4
8
7
6
5
TOP VIEW
DNC*
DNC*
DNC*
DNC*
OUT
IN
**DNC/FB
GND
S8 PACKAGE
8-LEAD PLASTIC SO
ORDER PART
NUMBER
Operating Temperature Range (Note 2) – 40
°C to 100°C
Specified Temperature Range ...................... 0
°C to 70°C
Storage Temperature Range (Note 3) ....–65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
1
2
3
4
OUT
IN
**DNC/FB
GND
8
7
6
5
DNC*
DNC*
DNC*
DNC*
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 250°C/W
* CONNECTED INTERNALLY. DO NOT CONNECT
EXTERNAL CIRCUITRY TO THESE PINS
** DNC FOR LTC1258-2.5/LTC1258-3/LTC1258-4.1/
LTC1258-5, FB FOR LTC1258
LTC1258CS8
LTC1258CS8-2.5
LTC1258CS8-3
LTC1258CS8-4.1
LTC1258CS8-5
S8 PART MARKING
ORDER PART
NUMBER
1258
12582
12583
125841
12585
* CONNECTED INTERNALLY. DO NOT CONNECT
EXTERNAL CIRCUITRY TO THESE PINS
** DNC FOR LTC1258-2.5/LTC1258-3/LTC1258-4.1/
LTC1258-5, FB FOR LTC1258
OUTPUT
TEMPERATURE
TEMPERATURE
PACKAGE TYPE
VOLTAGE
RANGE
ACCURACY
COEFFICIENT
S8
MS8
(V)
(
°C)
(%)
(ppm/
°C)
ORDER NUMBER
PART MARKING
ORDER NUMBER
PART MARKING
2.5
0 to 70
0.15
40
LTC1258CS8-2.5
12582
2.5
0 to 70
0.21
60
LTC1258CMS8-2.5
LTCF
3
0 to 70
0.15
40
LTC1258CS8-3
12583
3
0 to 70
0.20
60
LTC1258CMS8-3
LTEU
4.096
0 to 70
0.15
40
LTC1258CS8-4.1
125841
4.096
0 to 70
0.18
60
LTC1258CMS8-4.1
LTEN
5
0 to 70
0.15
40
LTC1258CS8-5
12585
5
0 to 70
0.18
60
LTC1258CMS8-5
LTEM
Adjustable
0 to 70
0.4
40
LTC1258CS8
1258
Adjustable
0 to 70
0.46
60
LTC1258CMS8
LTEL
AVAILABLE OPTIO S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com