Electronic Components Datasheet Search
  English  ▼

X  

LTC1258 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1258
Description  Micropower Low Dropout References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1258 Datasheet(HTML) 5 Page - Linear Technology

  LTC1258 Datasheet HTML 1Page - Linear Technology LTC1258 Datasheet HTML 2Page - Linear Technology LTC1258 Datasheet HTML 3Page - Linear Technology LTC1258 Datasheet HTML 4Page - Linear Technology LTC1258 Datasheet HTML 5Page - Linear Technology LTC1258 Datasheet HTML 6Page - Linear Technology LTC1258 Datasheet HTML 7Page - Linear Technology LTC1258 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1258 Series
PIN FUNCTIONS
OUT (Pin 1): Reference Output. The output can source up
to 10mA and sink up to 2mA. It is stable with output bypass
capacitor ranging from 0
µF to 1µF.
IN (Pin 2): Positive Supply. Bypassing with a 0.1
µF
capacitor is recommended if the output loading changes.
(VOUT + 0.2V) ≤ VIN ≤ 12.6V.
DNC (Pin 3): (LTC1258-2.5/LTC1258-3/LTC1258-4.1/
LTC1258-5) Do Not Connect. Connected internally for
post package trim. This pin must be left unconnected.
FB (Pin 3): (LT1258) Resistor Divider Feedback Pin.
Connect a resistor divider from OUT to GND and the center
tap to FB. This pin sets the output potential.
VV
RR
R
OUT =
+


2 385
12
2
.; R1 is connected from OUT
to FB and R2 from FB to GND.
GND (Pin 4): Negative Supply or Ground Connection.
DNC (Pins 5, 6, 7, 8): Do Not Connect. Connected
internally for post package trim. These pins must be left
unconnected.
BLOCK DIAGRAM
–
+
IN
1
1258 BD
2
4
OUT
3 (LTC1258)
FB
2.385V
GND
R1
R2
NOTE: R1 AND R2 ARE NOT CONNECTED FOR LTC1258
LTC1258-2.5 PSRR vs Frequency
5
µV/DIV
1258 G10
1SEC/DIV
VIN = 2.7V
LTC1258-2.5 0.1Hz to 10Hz Noise
FREQUENCY (Hz)
60
50
40
30
20
10
0
10
1k
10k
1258 G09
100
VIN = 2.7V
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com