Electronic Components Datasheet Search
  English  ▼

X  

UPD7564ACSA Datasheet(PDF) 14 Page - NEC

Part # UPD7564ACSA
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7564ACSA Datasheet(HTML) 14 Page - NEC

Back Button UPD7564ACSA Datasheet HTML 10Page - NEC UPD7564ACSA Datasheet HTML 11Page - NEC UPD7564ACSA Datasheet HTML 12Page - NEC UPD7564ACSA Datasheet HTML 13Page - NEC UPD7564ACSA Datasheet HTML 14Page - NEC UPD7564ACSA Datasheet HTML 15Page - NEC UPD7564ACSA Datasheet HTML 16Page - NEC UPD7564ACSA Datasheet HTML 17Page - NEC UPD7564ACSA Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
14
µPD7564A, 7564A(A)
2.2
STACK POINTER (SP): 6 BITS
The stack pointer is a 6-bit register which retains head address information of the stack memory (LIFO type) which
is a part of the data memory.
Fig. 2-2 Stack Pointer Configuration
SP5
SP4
SP3
SP2
SP1
SP0
SP
The stack pointer is decremented when the call instruction is executed. It is incremented when the return
instruction is executed.
To determine the stack area, initialize the SP using the TAMSP instruction. Note that bit SP0 is loaded with 0
unconditionally when the TAMSP instruction is executed. Set the SP to the value of “the highest address of the stack
area + 1” because the stack operation starts with decrementation of the SP.
When the highest address of the stack area is 3FH which is the highest address of the data memory, the initial
value of SP5-0 must be 00H. For emulation using the
µPD7500H (EVAKIT-7500B), set the data to be used for AM
when executing the TAMSP instruction.
Fig. 2-3 In Execution of TAMSP Instruction
A3
A2
A1
A0
(HL)3
(HL)2
(HL)1
(HL)0
0
SP5
SP4
SP3
SP2
SP1
SP0
Note that the contents of the SP cannot be read.
Caution
Be sure to set the SP at the initial stage of the program execution because the SP becomes undefined
when the RESET signal is input.
Example
LHLI
00H
LAI
0
ST
LAI
4
TAMSP
;SP = 40H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com