Electronic Components Datasheet Search
  English  ▼

X  

LTC1274CS Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1274CS
Description  12-Bit, 10mW, 100ksps ADCs with 1uA Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1274CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1274CS Datasheet HTML 4Page - Linear Technology LTC1274CS Datasheet HTML 5Page - Linear Technology LTC1274CS Datasheet HTML 6Page - Linear Technology LTC1274CS Datasheet HTML 7Page - Linear Technology LTC1274CS Datasheet HTML 8Page - Linear Technology LTC1274CS Datasheet HTML 9Page - Linear Technology LTC1274CS Datasheet HTML 10Page - Linear Technology LTC1274CS Datasheet HTML 11Page - Linear Technology LTC1274CS Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC1274/LTC1277
PI FU CTIO S
*The LTC1277 bipolar mode is in offset binary.
RD (Pin 20): Read Input. This enables the output drivers
when CS is low.
CS (Pin 21): The Chip Select input must be low for the ADC
to recognize CONVST and RD inputs.
BUSY (Pin 21): The BUSY output shows the converter
status. It is low when a conversion is in progress. The
rising Busy edge can be used to latch the conversion
result.
VSS (Pin 23): Negative 5V Supply. Negative 5V will select
bipolar operation. Bypass to AGND with 0.1
µFceramic.Tie
this pin to analog ground to select unipolar operation.
VDD (Pin 24): Positive 5V Supply. Bypass to AGND (10µF
tantalum in parallel with 0.1
µF ceramic).
LTC1277
AIN+ (Pin 1): Positive Analog Input. (AIN+ – AIN–) = 0V to
4.096V, unipolar (VSS= 0V) or ±2.048V, bipolar (VSS= –5V).
AIN
– (Pin 2): Negative Analog Input. This pin needs to be
free of noise during conversion. For single-ended inputs
tie AIN– to analog ground.
VREF (Pin 3): 2.42V Reference Output. Bypass to AGND
(10
µFtantaluminparallelwith0.1µFceramic).VREFcanbe
overdriven positive with an external reference voltage.
AGND (Pin 4): Analog Ground.
REFRDY (Pin 5): Reference Ready Signal. It goes high
when the reference has settled after SLEEP indicating that
the ADC is ready to sample.
SLEEP (Pin 6): SLEEP Mode Input. Tie this pin to low to put
the ADC in Sleep mode and save power (REFRDY will go
LOW). The device will draw 1
µA in this mode.
NAP (Pin 7): NAP Mode Input. Pulling this pin low will shut
down all currents in the ADC except the reference. In this
mode the ADC draws 180
µA. Wake-up from Nap mode is
about 620ns.
D7 to D4* (Pins 8 to 11): Three-State Data Outputs.
DGND (Pin 12): Digital Ground.
D3/11 to D0/8* (Pins 13 to 16): Three-State Data Outputs.
D11 is the Most Significant Bit.
VLOGIC (Pin 17): 5V or 3V Digital Power Supply. This pin
allows a 5V or 3V logic interface with the processor. All
logic outputs (Data Bits, BUSY and REFRDY) will swing
between 0V and VLOGIC.
HBEN (Pin 18): High Byte Enable Input. The four Most
Significant Bits will appear at Pins 13 to 16 when this pin
is high. The LTC1277 uses straight binary for unipolar
mode and offset binary for bipolar mode.
CONVST (Pin 19): Conversion Start Signal. This active low
signal starts a conversion on its falling edge (to recognize
CONVST, CS has to be low).
RD (Pin 20): Read Input. This enables the output drivers
when CS is low.
CS (Pin 21): The Chip Select input must be low for the ADC
to recognize CONVST and RD inputs.
BUSY (Pin 22): The BUSY output shows the converter
status. It is low when a conversion is in progress.
VSS (Pin 23): Negative 5V Supply. Negative 5V will select
bipolar operation. Bypass to AGND with 0.1
µFceramic.Tie
this pin to analog ground to select unipolar operation.
VDD (Pin 24): 5V Positive Supply. Bypass to AGND (10µF
tantalum in parallel with 0.1
µF ceramic).
Table 1. LTC1277 Two-Byte Read Data Bus Status
DATA
OUTPUTS
D7
D6
D5
D4
D3/11
D2/10
D1/9
D0/8
Low Byte
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
High Byte
Low
Low
Low
Low
DB11
DB10
DB9
DB8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com