Electronic Components Datasheet Search
  English  ▼

X  

LTC1274CS Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1274CS
Description  12-Bit, 10mW, 100ksps ADCs with 1uA Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1274CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1274CS Datasheet HTML 6Page - Linear Technology LTC1274CS Datasheet HTML 7Page - Linear Technology LTC1274CS Datasheet HTML 8Page - Linear Technology LTC1274CS Datasheet HTML 9Page - Linear Technology LTC1274CS Datasheet HTML 10Page - Linear Technology LTC1274CS Datasheet HTML 11Page - Linear Technology LTC1274CS Datasheet HTML 12Page - Linear Technology LTC1274CS Datasheet HTML 13Page - Linear Technology LTC1274CS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC1274/LTC1277
TI I G DIAGRA S
CS to RD Setup Timing
CS to CONVST Setup Timing
t1
CS
RD
LTC1274/77 • TD01
t2
CS
CONVST
LTC1274/77 • TD02
NAP to CONVST Wake-Up Timing (LTC1277)
SLEEP to REFRDY Wake-Up Timing
t3
NAP
CONVST
LTC1274/77 • TD03
t14
SLEEP
REFRDY
LTC1274/77 • TD04
APPLICATIONS INFORMATION
CONVERSION DETAILS
The LTC1274/LTC1277 use a successive approximation
algorithm and an internal sample-and-hold circuit to con-
vert an analog signal to a 12-bit parallel output. The ADCs
are complete with a precision reference and an internal
clock. The control logic provides easy interface to micro-
processors and DSPs. (Please refer to the Digital Interface
section for the data format.)
Conversion start is controlled by the CS and CONVST
inputs. At the start of conversion the successive approxi-
mation register (SAR) is reset. Once a conversion cycle
has begun it cannot be restarted.
During conversion, the internal 12-bit capacitive DAC out-
put is sequenced by the SAR from the most significant bit
(MSB) to the least significant bit (LSB). Referring to
Figure 1, the AIN (LTC1274) or AIN
+ (LTC1277) input con-
nects to the sample-and-hold capacitor during the acquire
phase, and the comparator offset is nulled by the feedback
switch. In this acquire phase, a minimum delay of 2
µs will
provide enough time for the sample-and-hold capacitor to
acquire the analog signal. During the convert phase, the
comparator feedback switch opens, putting the comparator
into the compare mode. The input switch connects CSAMPLE
to ground (LTC1274) or AIN
– (LTC1277), injecting the
analog input charge onto the summing junction. This input
charge is successively compared with the binary-weighted
charges supplied by the capacitive DAC. Bit decisions are
made by the high speed comparator. At the end of a
conversion, the DAC output balances the AIN (LTC1274) or
AIN+ – AIN– (LTC1277) input charge. The SAR contents (a 12-
bit data word) which represent the AIN (LTC1274) or
AIN
+ –AIN–(LTC1277)areloadedintothe12-bitoutputlatches.
VDAC
1274 • F01
+
–
CDAC
DAC
SAMPLE
HOLD
CSAMPLE
S
A
R
12-BIT
LATCH
COMPAR-
ATOR
SAMPLE
SI
AIN
Figure 1. LTC1274 AIN Input
DYNAMIC PERFORMANCE
The LTC1274/LTC1277 have excellent high speed sam-
pling capability. FFT (Fast Fourier Transform) test tech-
niques are used to test the ADCs’ frequency response,
distortion and noise at the rated throughput. By applying
a low distortion sine wave and analyzing the digital output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com