Electronic Components Datasheet Search
  English  ▼

X  

LTC1285 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1285
Description  3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1285 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1285 Datasheet HTML 14Page - Linear Technology LTC1285 Datasheet HTML 15Page - Linear Technology LTC1285 Datasheet HTML 16Page - Linear Technology LTC1285 Datasheet HTML 17Page - Linear Technology LTC1285 Datasheet HTML 18Page - Linear Technology LTC1285 Datasheet HTML 19Page - Linear Technology LTC1285 Datasheet HTML 20Page - Linear Technology LTC1285 Datasheet HTML 21Page - Linear Technology LTC1285 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LTC1285/LTC1288
APPLICATION INFORMATION
FREQUENCY (kHz)
0
– 120
– 100
–80
–60
–40
1.0
2.0
3.0
4.0
LTC1285/88 • TPC16
–20
0
0.5
1.5
2.5
3.5
TA = 25°C
VCC = 2.7V
VREF = 2.5V
fIN = 3.05kHz
fCLK = 120kHz
fSMPL = 7.5kHz
Figure 11. LTC1285 Non-Averaged, 4096 Point FFT Plot
Voltage). However, care must be taken when operating at
low values of VREF because of the reduced LSB step size
and the resulting higher accuracy requirement placed on
the converter. The following factors must be considered
when operating at low VREF values:
1. Offset
2. Noise
3. Conversion speed (CLK frequency)
Offset with Reduced VREF
The offset of the LTC1285 has a larger effect on the output
code. When the ADC is operated with reduced reference
voltage. The offset (which is typically a fixed voltage)
becomes a larger fraction of an LSB as the size of the LSB
is reduced. The typical curve of Change in Offset vs
Reference Voltage shows how offset in LSBs is related to
reference voltage for a typical value of VOS. For example,
a VOS of 122µV which is 0.2LSB with a 2.5V reference
becomes 1LSB with a 1V reference and 5LSBs with a 0.2V
reference. If this offset is unacceptable, it can be corrected
digitally by the receiving system or by offsetting the “–”
input of the LTC1285.
Noise with Reduced VREF
The total input referred noise of the LTC1285 can be
reduced to approximately 400
µV peak-to-peak using a
ground plane, good bypassing, good layout techniques
and minimizing noise on the reference inputs. This noise
is insignificant with a 2.5V reference but will become a
larger fraction of an LSB as the size of the LSB is reduced.
For operation with a 2.5V reference, the 400
µV noise is
only 0.66LSB peak-to-peak. In this case, the LTC1285
noise will contribute a little bit of uncertainty to the
output code. However, for reduced references the noise
may become a significant fraction of an LSB and cause
undesirable jitter in the output code. For example, with
a 1.25V reference this same 400
µV noise is 1.32LSB
peak-to-peak. This will reduce the range of input volt-
ages over which a stable output code can be achieved by
1LSB. If the reference is further reduced to 1V, the 400
µV
noise becomes equal to 3.3LSBs and a stable code may
be difficult to achieve. In this case averaging multiple
readings may be necessary.
This noise data was taken in a very clean setup. Any setup
induced noise (noise or ripple on VCC, VREF or VIN) will add
to the internal noise. The lower the reference voltage to be
used the more critical it becomes to have a clean, noise free
setup.
Conversion Speed with Reduced VREF
With reduced reference voltages, the LSB step size is
reduced and the LTC1285 internal comparator over-
drive is reduced. Therefore, it may be necessary to
reduce the maximum CLK frequency when low values
of VREF are used.
DYNAMIC PERFORMANCE
The LTC1285/LTC1288 have exceptional sampling capa-
bility. Fast Fourier Transform (FFT) test techniques are
used to characterize the ADC’s frequency response, dis-
tortion and noise at the rated throughput. By applying a
low distortion sine wave and analyzing the digital output
using an FFT algorithm, the ADC’s spectral content can be
examined for frequencies outside the fundamental. Figure
11 shows a typical LTC1285 plot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com