Electronic Components Datasheet Search
  English  ▼

X  

LTC1285 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1285
Description  3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1285 Datasheet(HTML) 4 Page - Linear Technology

  LTC1285 Datasheet HTML 1Page - Linear Technology LTC1285 Datasheet HTML 2Page - Linear Technology LTC1285 Datasheet HTML 3Page - Linear Technology LTC1285 Datasheet HTML 4Page - Linear Technology LTC1285 Datasheet HTML 5Page - Linear Technology LTC1285 Datasheet HTML 6Page - Linear Technology LTC1285 Datasheet HTML 7Page - Linear Technology LTC1285 Datasheet HTML 8Page - Linear Technology LTC1285 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC1285/LTC1288
TYPICAL PERFORMANCE CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSMPL
Analog Input Sample Time
See Operating Sequence
1.5
CLK Cycles
fSMPL(MAX) Maximum Sampling Frequency
LTC1285
q
7.5
kHz
LTC1288
q
6.6
kHz
tCONV
Conversion Time
See Operating Sequence
12
CLK Cycles
tdDO
Delay Time, CLK
↓ to DOUT Data Valid
See Test Circuits
q
600
1500
ns
tdis
Delay Time, CS
↑ to DOUT Hi-Z
See Test Circuits
q
220
660
ns
ten
Delay Time, CLK
↓ to DOUT Enable
See Test Circuits
q
180
500
ns
thDO
Time Output Data Remains Valid After CLK
↓
CLOAD = 100pF
520
ns
tf
DOUT Fall Time
See Test Circuits
q
60
180
ns
tr
DOUT Rise Time
See Test Circuits
q
80
180
ns
CIN
Input Capacitance
Analog Inputs, On Channel
20
pF
Analog Inputs, Off Channel
5
pF
Digital Input
5
pF
(Note 5)
AC CHARACTERISTICS
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute maximum ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to GND.
Note 3: These devices are specified at 3V. For 5V specified devices, see
LTC1286 and LTC1298.
Note 4: Increased leakage currents at elevated temperatures cause the
sample-and-hold to droop, therefore it is recommended that fCLK ≥ 75kHz
at 70
° and fCLK ≥ 1kHz at 25°C.
Note 5: VCC = 2.7V, VREF = 2.5V and CLK = 120kHz unless otherwise
specified.
Note 6: Linearity error is specified between the actual end points of the
A/D transfer curve.
Note 7: Two on-chip diodes are tied to each reference and analog input
which will conduct for reference or analog input voltages one diode drop
below GND or one diode drop above VCC. This spec allows 50mV forward
bias of either diode for 2.7V
≤ VCC ≤ 6V. This means that as long as the
reference or analog input does not exceed the supply voltage by more than
50mV the output code will be correct. To achieve an absolute 0V to 2.7V
input voltage range will therefore require a minimum supply voltage of
2.650V over initial tolerance, temperature variations and loading. For 2.7V
< VCC
≤ 6V, reference and analog input range cannot exceed 6.05V. If
reference and analog input range are greater than 6.05V, the output code
will not be guaranteed to be correct.
Note 8: The supply voltage range for the LTC1285 and the LTC1288 is
from 2.7V to 6V.
Note 9: Recommended operating conditions
Note 10: Channel leakage current is measured after the channel selection.
SAMPLE RATE (kHz)
0.1
1
10
1000
100
110
LTC1285/88 • TPC01
LTC1288
LTC1285
TA = 25°C
VCC = 2.7V
VREF = 2.5V
fCLK = 120kHz
Supply Current vs Sample Rate
FREQUENCY (kHz)
1
0
1
2
3
4
5
6
20
40
60
80
LTC1285/88 • TPC03
100
7
8
9
0.002
120
TA = 25°C
VCC = 2.7V
VREF = 2.5V
CS = 0
(AFTER CONVERSION)
CS = VCC
Shutdown Supply Current vs Clock
Rate with CS High and CS Low
TEMPERATURE (°C)
–55
150
200
250
105
LTC1285/88 • TPC02
100
50
0
–15
25
65
–35
125
5
45
85
VCC = 2.7V
VREF = 2.5V
fCLK = 120kHz
LTC1285
fSMPL = 7.5kHz
LTC1288
fSMPL = 6.6kHz
Supply Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com