Electronic Components Datasheet Search
  English  ▼

X  

LTC1298C Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1298C
Description  Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1298C Datasheet(HTML) 4 Page - Linear Technology

  LTC1298C Datasheet HTML 1Page - Linear Technology LTC1298C Datasheet HTML 2Page - Linear Technology LTC1298C Datasheet HTML 3Page - Linear Technology LTC1298C Datasheet HTML 4Page - Linear Technology LTC1298C Datasheet HTML 5Page - Linear Technology LTC1298C Datasheet HTML 6Page - Linear Technology LTC1298C Datasheet HTML 7Page - Linear Technology LTC1298C Datasheet HTML 8Page - Linear Technology LTC1298C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC1286/LTC1298
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSMPL
Analog Input Sample Time
See Operating Sequence
1.5
CLK Cycles
fSMPL(MAX) Maximum Sampling Frequency
LTC1286
q
12.5
kHz
LTC1298
q
11.1
kHz
tCONV
Conversion Time
See Operating Sequence
12
CLK Cycles
tdDO
Delay Time, CLK
↓ to DOUT Data Valid
See Test Circuits
q
250
600
ns
tdis
Delay Time, CS
↑ to DOUT Hi-Z
See Test Circuits
q
135
300
ns
ten
Delay Time, CLK
↓ to DOUT Enable
See Test Circuits
q
75
200
ns
thDO
Time Output Data Remains Valid After CLK
↓
CLOAD = 100pF
230
ns
tf
DOUT Fall Time
See Test Circuits
q
20
75
ns
tr
DOUT Rise Time
See Test Circuits
q
20
75
ns
CIN
Input Capacitance
Analog Inputs, On Channel
20
pF
Analog Inputs, Off Channel
5
pF
Digital Input
5
pF
AC CHARACTERISTICS (Note 5)
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute maximum ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to GND.
Note 3: These devices are specified at 5V. For 3V specified devices, see
LTC1285 and LTC1288.
Note 4: Increased leakage currents at elevated temperatures cause the S/H
to droop, therefore it is recommended that fCLK ≥ 120kHz at 85°C, fCLK ≥
75kHz at 70
° and fCLK ≥ 1kHz at 25°C.
Note 5: VCC = 5V, VREF = 5V and CLK = 200kHz unless otherwise specified.
Note 6: Linearity error is specified between the actual end points of the
A/D transfer curve.
Note 7: Two on-chip diodes are tied to each reference and analog input
which will conduct for reference or analog input voltages one diode drop
below GND or one diode drop above VCC. This spec allows 50mV forward
bias of either diode for 4.5V
≤ VCC ≤ 5.5V. This means that as long as the
reference or analog input does not exceed the supply voltage by more than
50mV the output code will be correct. To achieve an absolute 0V to 5V
input voltage range will therefore require a minimum supply voltage of
4.950V over initial tolerance, temperature variations and loading. For 5.5V
< VCC
≤ 9V, reference and analog input range cannot exceed 5.55V. If
reference and analog input range are greater than 5.55V, the output code
will not be guaranteed to be correct.
Note 8: The supply voltage range for the LTC1286 is from 4.5V to 9V, but
the supply voltage range for the LTC1298 is only from 4.5V to 5.5V.
Note 9: Recommended operating conditions
Note 10: Channel leakage current is measured after the channel selection.
TYPICAL PERFORMANCE CHARACTERISTICS
Shutdown Supply Current vs Clock
Rate with CS High and CS Low
Supply Current vs Sample Rate
SAMPLE RATE (kHz)
0.1k
1
10
100
1000
1k
10k
100k
LT1286/98 G03
TA = 25°C
VCC = VREF = 5V
fCLK = 200kHz
LTC1286
LTC1298
Supply Current vs Temperature
TEMPERATURE (°C)
–55
200
250
350
400
450
–15
25
45
125
LT1286/98 G04
300
–35
5
65
85 105
TA = 25°C
VCC = VREF = 5V
fCLK = 200kHz
LTC1298 fSMPL =11.1kHz
LTC1286 fSMPL =12.5kHz
FREQUENCY (kHz)
1
0.002
5
1
0
15
20
25
35
20
100
140
LT1286/98 G01
10
30
80
180 200
40 60
120
160
CS = 0
(AFTER CONVERSION)
TA = 25°C
VCC = VREF = 5V
CS = VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com