Electronic Components Datasheet Search
  English  ▼

X  

LTC1298C Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1298C
Description  Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1298C Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1298C Datasheet HTML 3Page - Linear Technology LTC1298C Datasheet HTML 4Page - Linear Technology LTC1298C Datasheet HTML 5Page - Linear Technology LTC1298C Datasheet HTML 6Page - Linear Technology LTC1298C Datasheet HTML 7Page - Linear Technology LTC1298C Datasheet HTML 8Page - Linear Technology LTC1298C Datasheet HTML 9Page - Linear Technology LTC1298C Datasheet HTML 10Page - Linear Technology LTC1298C Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC1286/LTC1298
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–55
100
150
25
45
65
85
LT1286/98 • G14
50
0
–35
–15
5
200
VCC = VREF = 5V
SUPPLY VOLTAGE (V)
3
1
2
3
45
6
7
LTC 1286/98 G17
89
TA = 25°C
TEMPERATURE (°C)
–60
1000
100
10
1
0.1
0.01
100
1196/98 G19
–20
20
60
140
–40
0
40
80
120
VCC = 5V
VREF = 5V
ON CHANNEL
OFF CHANNEL
Input Channel Leakage Current
vs Temperature
Digital Input Logic Threshold
vs Supply Voltage
Minimum Clock Frequency
for 0.1 LSB Error vs Temperature
PIN FUNCTIONS
LTC1286
VREF (Pin 1): Reference Input. The reference input defines
the span of the A/D converter.
IN+ (Pin 2): Positive Analog Input.
IN – (Pin 3): Negative Analog Input.
GND (Pin 4): Analog Ground. GND should be tied directly
to an analog ground plane.
CS/SHDN (Pin 5): Chip Select Input. A logic low on this
input enables the LTC1286. A logic high on this input
disables and powers down the LTC1286.
DOUT (Pin 6): Digital Data Output. The A/D conversion
result is shifted out of this output.
CLK (Pin 7): Shift Clock. This clock synchronizes the serial
data transfer and determines conversion speed.
VCC (Pin 8): Power Supply Voltage. This pin provides
power to the A/D converter. It must be kept free of noise
and ripple by bypassing directly to the analog ground
plane.
LTC1298
CS/SHDN (Pin 1): Chip Select Input. A logic low on this
input enables the LTC1298. A logic high on this input
disables and powers down the LTC1298.
CH0 (Pin 2): Analog Input.
CH1 (Pin 3): Analog Input.
GND (Pin 4): Analog Ground. GND should be tied directly
to an analog ground plane.
DIN (Pin 5): Digital Data Input. The multiplexer address is
shifted into this input.
DOUT (Pin 6): Digital Data Output. The A/D conversion
result is shifted out of this output.
CLK (Pin 7): Shift Clock. This clock synchronizes the
serial data transfer and determines conversion speed.
VCC/VREF (Pin 8): Power Supply and Reference Voltage.
This pin provides power and defines the span of the A/D
converter. It must be kept free of noise and ripple by
bypassing directly to the analog ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com