Electronic Components Datasheet Search
  English  ▼

X  

UGF5J Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # UGF5J
Description  Isolated High Voltage Ultrafast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UGF5J Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  UGF5J Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UGF5J Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UGF5J Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UGF5J Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
PART NO.
UGF5J
UGF5J
(TA=25℃ unless otherwise noted)
Document Number: DS_D1401029
Version: G14
UGF5J
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING
Suffix "G"
ITO-220AC
50 / Tube
EXAMPLE
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
UGF5J
C0
RATINGS AND CHARACTERISTICS CURVES
UGF5J C0
C0
UGF5J C0G
C0
G
Green compound
0
1
2
3
4
5
6
7
8
0
255075
100
125
150
175
CASE TEMPERATURE (℃)
FIG.1 MAXIMUM FORWARD CURRENT
DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
WITH HEATSINK
0
10
20
30
40
50
60
70
80
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM FORWARD SIRGE CURRENT
8.3ms Single Half Sine Wave
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
TJ=125℃
TJ=25℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com