Electronic Components Datasheet Search
  English  ▼

X  

UGF5J Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # UGF5J
Description  Isolated High Voltage Ultrafast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UGF5J Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UGF5J Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UGF5J Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UGF5J Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UGF5J Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- High forward surge capability
- High reliability
- Ultra fast recovery time
- Low power loss
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
Trr
ns
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1401029
Version: G14
Weight:
1.7g (approximately)
UGF5J
Taiwan Semiconductor
Isolated High Voltage Ultrafast Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
ITO-220AC
Maximum RMS voltage
Maximum DC blocking voltage
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
Maximum repetitive peak reverse voltage
Case:
ITO-220AC
Polarity:
As marked
Mounting torque:
5 in-lbs maximum
Maximum average forward rectified current
5
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load
IFSM
65
A
Maximum instantaneous forward voltage (Note 1)
IF= 5 A
VF
V
Maximum reverse current @ Rated VR TJ=25 ℃
TJ=125 ℃
IR
30
μA
25
Typical thermal resistance
5.5
Operating junction temperature range
200
- 55 to +150
- 55 to +150
Storage temperature range
Note 1: Pulse Test with PW=300 μs, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
UGF5J
600
420
600
3.00
Maximum reverse recovery time (Note 2)


Similar Part No. - UGF5J

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UGF5J TSC-UGF5J Datasheet
163Kb / 2P
Isolated 5.0 Amps Glass Passivated Super Fast Rectifier
logo
Shenzhen Luguang Electr...
UGF5J LUGUANG-UGF5J Datasheet
198Kb / 2P
Glass Passivated Super Fast Rectifier
logo
Vishay Siliconix
UGF5JT VISHAY-UGF5JT Datasheet
44Kb / 3P
Ultrafast Rectifiers
02-Jul-02
UGF5JT VISHAY-UGF5JT Datasheet
143Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
UGF5JT-E3/45 VISHAY-UGF5JT-E3/45 Datasheet
143Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
More results

Similar Description - UGF5J

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MUR1620CT EIC-MUR1620CT Datasheet
49Kb / 2P
ULTRAFAST RECTIFIERS
logo
Vishay Siliconix
BYG23T VISHAY-BYG23T Datasheet
79Kb / 4P
High Voltage Ultrafast Avalanche SMD Rectifiers
13-Oct-11
logo
Microsemi Corporation
UES705R MICROSEMI-UES705R Datasheet
136Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 20A
UES704R MICROSEMI-UES704R Datasheet
136Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 20A
UES804R MICROSEMI-UES804R Datasheet
317Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 50A
logo
Leshan Radio Company
UF4004 LRC-UF4004_15 Datasheet
201Kb / 7P
Ultrafast Rectifiers
logo
Taiwan Semiconductor Co...
UG10G TSC-UG10G Datasheet
232Kb / 3P
High Voltage UltraFast Rectifiers
UGF10G TSC-UGF10G Datasheet
224Kb / 3P
Isolated High Voltage Ultrafast Rectifiers
logo
Vishay Siliconix
BYG23T-M3 VISHAY-BYG23T-M3_V01 Datasheet
97Kb / 5P
High Voltage Ultrafast Avalanche SMD Rectifiers
Revision: 25-Feb-2020
logo
Shenzhen Luguang Electr...
BYG23T LUGUANG-BYG23T Datasheet
534Kb / 3P
High Voltage UltraFast Avalanche SMD Rectifiers
Revision:20220418-P1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com