Electronic Components Datasheet Search
  English  ▼

X  

UGF10G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # UGF10G
Description  Isolated High Voltage Ultrafast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UGF10G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  UGF10G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UGF10G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UGF10G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CREAT BY ART
PART NO.
Note 1: "x" defines voltage from 400V (UGF10G) to 600V (UGF10J)
PART NO.
UGF10G
UGF10G
(TA=25℃ unless otherwise noted)
Document Number:DS_D1309037
Version:A13
Green compound
DESCRIPTION
50 / Tube
PACKING
RATINGS AND CHARACTERISTICS CURVES
UGF10G C0
C0
UGF10G C0G
C0
G
EXAMPLE
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
UGF10x
(Note 1)
C0
Suffix "G"
ITO-220AC
UGF10G thru UGF10J
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
0
2
4
6
8
10
12
0
255075
100
125
150
175
CASE TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
WITH HEATSINK
UGF10G
UGF10J
0
10
20
30
40
50
60
70
80
90
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3mS Single Half Sine
Wave
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
TJ=25℃
TJ=125℃
UGF10G
UGF10J



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com