Electronic Components Datasheet Search
  English  ▼

X  

UGF10G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # UGF10G
Description  Isolated High Voltage Ultrafast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UGF10G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UGF10G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UGF10G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UGF10G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
- UL Recognized File # E-326243
- High forward surge capability
- High reliability
- Ultra fast recovery time
- Low power loss
- Halogen-free according to IEC 61249-2-21 definition
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
Trr
nS
RθJC
OC/W
TJ
OC
TSTG
OC
Note 3: Mount on Heatsink size of 4" x 6" x 0.25" Al-plate
Document Number:DS_D1309037
Version:A13
Storage temperature range
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
UGF10G
UGF10J
400
600
280
420
Maximum reverse recovery time (Note 2)
25
Typical thermal resistance (Note 3)
5
Operating junction temperature range
- 55 to + 175
- 55 to + 150
100
V
1.25
2.00
Maximum instantaneous forward voltage (Note 1)
IF=10A
VF
200
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load
IFSM
90
A
- 55 to + 175
- 55 to + 150
Maximum reverse current @ Rated VR TJ=25 ℃
TJ=125 ℃
IR
μA
5
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
10
400
600
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
Case:
ITO-220AC
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free, RoHS compliant
Terminal:
Matte tin plated leads, solderable per JESD 22-B102
Meet JESD 201 class 1A whisker test
Polarity:
As marked
Mounting torque:
5 in-lbs maximum
Weight:
1.7 gram (approximately)
UGF10G thru UGF10J
Taiwan Semiconductor
Isolated High Voltage Ultrafast Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
ITO-220AC


Similar Part No. - UGF10G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
UGF10G ZOWIE-UGF10G Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION ULTRAFACE EFFICIENT RECTIFIER
logo
General Semiconductor
UGF10GCT GE-UGF10GCT Datasheet
85Kb / 2P
ULTRAFAST SOFT RECOVERY RECTIFIER
logo
Vishay Siliconix
UGF10GCT VISHAY-UGF10GCT Datasheet
47Kb / 3P
Dual Ultrafast Soft Recovery Rectifier
15-Apr-02
logo
Inchange Semiconductor ...
UGF10GCT ISC-UGF10GCT Datasheet
216Kb / 2P
Ultrafast Rectifier Diode
More results

Similar Description - UGF10G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MUR1620CT EIC-MUR1620CT Datasheet
49Kb / 2P
ULTRAFAST RECTIFIERS
logo
Vishay Siliconix
BYG23T VISHAY-BYG23T Datasheet
79Kb / 4P
High Voltage Ultrafast Avalanche SMD Rectifiers
13-Oct-11
logo
Microsemi Corporation
UES705R MICROSEMI-UES705R Datasheet
136Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 20A
UES704R MICROSEMI-UES704R Datasheet
136Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 20A
UES804R MICROSEMI-UES804R Datasheet
317Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 50A
logo
Leshan Radio Company
UF4004 LRC-UF4004_15 Datasheet
201Kb / 7P
Ultrafast Rectifiers
logo
Taiwan Semiconductor Co...
UG10G TSC-UG10G Datasheet
232Kb / 3P
High Voltage UltraFast Rectifiers
UGF5J TSC-UGF5J_14 Datasheet
146Kb / 4P
Isolated High Voltage Ultrafast Rectifiers
logo
Vishay Siliconix
BYG23T-M3 VISHAY-BYG23T-M3_V01 Datasheet
97Kb / 5P
High Voltage Ultrafast Avalanche SMD Rectifiers
Revision: 25-Feb-2020
logo
Shenzhen Luguang Electr...
BYG23T LUGUANG-BYG23T Datasheet
534Kb / 3P
High Voltage UltraFast Avalanche SMD Rectifiers
Revision:20220418-P1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com