Electronic Components Datasheet Search
  English  ▼

X  

UGF12J Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # UGF12J
Description  12.0AMPS. Isolated Ultra Fast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UGF12J Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  UGF12J Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UGF12J Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UGF12J Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Version:B13
RATINGS AND CHARACTERISTIC CURVES (UGF12J)
0
2
4
6
8
10
12
14
0
25
50
75
100
125
150
175
CASE TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
WITH HEATSINK
0
20
40
60
80
100
120
140
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3mS Single Half Sine Wave
JEDEC Method
TA=25℃
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TA=25℃
TA=125℃
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
TA=25℃
f=1.0MHz
Vslg=50mVp-p
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
TA=25℃
TA=125℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com