Electronic Components Datasheet Search
  English  ▼

X  

UGF12J Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # UGF12J
Description  12.0AMPS. Isolated Ultra Fast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UGF12J Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UGF12J Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UGF12J Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UGF12J Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
High efficiency, low VF
High current capability
High reliability
High surge current capability
Low power loss
UGF12J
ITO-220AC 50 / TUBE
C0
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
Trr
nS
RθjC
OC/W
TJ
OC
TSTG
OC
Version:B13
12.0AMPS. Isolated Ultra Fast Rectifiers
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Maximum DC Reverse Current at Rated
TA=25 ℃
DC Blocking Voltage
TA=125 ℃
IR
5
uA
600
Maximum Reverse Recovery Time (Note 2)
Typical Thermal Resistance (Note 3)
4.5
Operating Temperature Range
- 55 to + 150
Storage Temperature Range
- 55 to + 150
Note 3 : Mount on Heatsink size of 4" x 6" x 0.25" Al-Plate
20
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
135
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 12 A / TA=25℃
VF
2.0
V
Maximum RMS Voltage
420
Maximum DC Blocking Voltage
600
Maximum Average Forward Rectified Current
12
UGF12J
Maximum Repetitive Peak Reverse Voltage
600
Ordering Information
Part No.
Package
Packing
C0G
Epoxy: UL 94V-0 rate flame retardant
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
Polarity: As marked
High temperature soldering guaranteed:
260℃/10 seconds. 16",(4.06mm) from case.
Weight: 1.7 grams
Parameter
Packing code
Packing code
(Green)
UGF12J
ITO-220AC
Features
For use in low voltage, high frequency inverter,
Free wheeling, and polarity protection application
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Case: ITO-220AC


Similar Part No. - UGF12J

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UGF12J TSC-UGF12J Datasheet
214Kb / 2P
12.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
UGF12JD TSC-UGF12JD Datasheet
216Kb / 4P
12A, 600V Isolated Ultrafast Rectifier
UGF12JDHC0 TSC-UGF12JDHC0 Datasheet
216Kb / 4P
12A, 600V Isolated Ultrafast Rectifier
logo
Vishay Siliconix
UGF12JT VISHAY-UGF12JT Datasheet
55Kb / 3P
Ultrafast Rectifiers
30-Jul-02
UGF12JT VISHAY-UGF12JT Datasheet
143Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
More results

Similar Description - UGF12J

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UGF12J TSC-UGF12J Datasheet
214Kb / 2P
12.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SR1202 TSC-SR1202_13 Datasheet
249Kb / 4P
12.0AMPS. Schottky Barrier Rectifiers
UGF1004G TSC-UGF1004G Datasheet
238Kb / 3P
10.0AMPS. Isolated Glass Passivated Ultra Fast Rectifiers
UGF1004GA TSC-UGF1004GA Datasheet
221Kb / 3P
Isolated Ultra Fast Rectifiers
UG12J TSC-UG12J Datasheet
415Kb / 3P
12.0AMPS. Ultra Fast Rectifiers
UGF8JD TSC-UGF8JD Datasheet
147Kb / 4P
Isolated Ultra Fast Rectifier
UGF1004G TSC-UGF1004G_14 Datasheet
225Kb / 4P
Isolated Ultra Fast Rectifiers
UGF2004G TSC-UGF2004G Datasheet
225Kb / 4P
Isolated Ultra Fast Rectifiers
logo
Thinki Semiconductor Co...
MUR8120F THINKISEMI-MUR8120F Datasheet
775Kb / 3P
8.0 Amperes/1200Volts Isolated Package Ultra Fast Recovery Rectifiers
MURF8120G THINKISEMI-MURF8120G Datasheet
1,018Kb / 3P
8.0 Amperes/1200Volts Isolated Package Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com