Electronic Components Datasheet Search
  English  ▼

X  

LTC1289CC Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1289CC
Description  3 Volt Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1289CC Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1289CC Datasheet HTML 16Page - Linear Technology LTC1289CC Datasheet HTML 17Page - Linear Technology LTC1289CC Datasheet HTML 18Page - Linear Technology LTC1289CC Datasheet HTML 19Page - Linear Technology LTC1289CC Datasheet HTML 20Page - Linear Technology LTC1289CC Datasheet HTML 21Page - Linear Technology LTC1289CC Datasheet HTML 22Page - Linear Technology LTC1289CC Datasheet HTML 23Page - Linear Technology LTC1289CC Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
LTC1289
S
APPLICATI
I FOR ATIO
Figure 15. Adequate Reference Settling
HORIZONTAL: 1
µs/DIV
2. It is recommended that REF– input be tied directly to
the analog ground plane. If REF– is biased at a voltage
other than ground, the voltage must not change during
a conversion cycle. This voltage must also be free of
noise and ripple with respect to analog ground.
6. Reduced Reference Operation
The effective resolution of the LTC1289 can be increased by
reducing the input span of the converter. The LTC1289
exhibits good linearity and gain over a wide range of
reference voltages (see typical curves of Linearity and Gain
Error vs Reference Voltage). However, care must be taken
when operating at low values of VREFbecause of the reduced
LSB step size and the resulting higher accuracy requirement
placed on the converter. The following factors must be
considered when operating at low VREF values:
1. Offset
2. Noise
Offset with Reduced VREF
The offset of the LTC1289 has a larger effect on the output
code when the A/D is operated with reduced reference
voltage. The offset (which is typically a fixed voltage)
becomes a larger fraction of an LSB as the size of the LSB is
reduced. The typical curve of Unadjusted Offset Error vs
Reference Voltage shows how offset in LSBs is related to
reference voltage for a typical value of VOS. For example, a
VOS of 0.1mV which is 0.2LSB with a 2.5V reference
becomes 0.4LSB with a 1.25V reference. If this offset is
unacceptable, it can be corrected digitally by the receiving
system or by offsetting the “–” input to the LTC1289.
Noise with Reduced VREF
The total input referred noise of the LTC1289 can be reduced
to approximately 200
µVpeak-to-peakusingagroundplane,
good bypassing, good layout techniques and minimizing
noise on the reference inputs. This noise is insignificant with
a 2.5V reference but will become a larger fraction of an LSB
as the size of the LSB is reduced. The typical curve of Noise
Error vs Reference Voltage shows the LSB contribution of
this 200
µV of noise.
For operation with a 2.5 reference, the 200
µV noise is only
0.32LSB peak-to-peak. In this case, the LTC1289 noise will
contribute virtually no uncertainty to the output code. How-
ever, for reduced references, the noise may become a
significant fraction of an LSB and cause undesirable jitter in
the output code. For example, with a 1.25V reference, this
same 200
µV noise is 0.64LSB peak-to-peak. This will re-
duce the range of input voltages over which a stable output
code can be achieved by 0.64LSB. In this case averaging
readings may be necessary.
This noise data was taken in a very clean setup. Any setup
induced noise (noise or ripple on VCC, VREF, VIN or V–) will
add to the internal noise. The lower the reference voltage to
be used, the more critical it becomes to have a clean, noise-
free setup.
Figure 16. Poor Reference Settling Can Cause A/D Errors
HORIZONTAL: 1
µs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com