Electronic Components Datasheet Search
  English  ▼

X  

LTC1289CC Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1289CC
Description  3 Volt Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1289CC Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1289CC Datasheet HTML 20Page - Linear Technology LTC1289CC Datasheet HTML 21Page - Linear Technology LTC1289CC Datasheet HTML 22Page - Linear Technology LTC1289CC Datasheet HTML 23Page - Linear Technology LTC1289CC Datasheet HTML 24Page - Linear Technology LTC1289CC Datasheet HTML 25Page - Linear Technology LTC1289CC Datasheet HTML 26Page - Linear Technology LTC1289CC Datasheet HTML 27Page - Linear Technology LTC1289CC Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
LTC1289
S
APPLICATI
TYPICAL
SNEAK-A-BIT
TM
The LTC1289’s unique ability to software select the polar-
ity of the differential inputs and the output word length is
used to achieve one more bit of resolution. Using the
circuit below with two conversions and some software, a
2’s complement 12-bit + sign word is returned to memory
inside the MPU. The MC68HC05C4 was chosen as an
example, however, any processor that operates at 3.3V
could be used.
Two 12-bit unipolar conversions are performed: the first
over a 0V to 2.5V span and the second over a 0V to –2.5V
span (by reversing the polarity of the inputs). The sign of
the input is determined by which of the two spans con-
tained it. Then the resulting number (ranging from –4095
to +4095 decimal) is converted to 2’s complement nota-
tion and stored in RAM.
2.5V
1ST CONVERSION
(+) CH6
(–) CH7
0V
0V
1ST CONVERSION
4096 STEPS
2ND CONVERSION
4096 STEPS
–2.5V
2ND CONVERSION
(–) CH6
(+) CH7
0V
VIN
VIN
2.5V
–2.5V
SOFTWARE
8191 STEPS
LTC1289 TA04
SNEAK-A-BIT
SNEAK-A-BIT is a trademark of Linear Technology Corp.
SNEAK-A-BIT Circuit
LTC1289 TA03
10
µF
22
µF
LT1019
–2.5
MC68HC05C4
SCLK
MOSI
MISO
CO
1k
–3.3V
0.1
µF
2MHz
ACLK
+3.3V
OTHER CHANNELS
OR SNEAK-A-BIT
INPUTS
VIN
–2.5V TO +2.5V
LTC1289
CHO
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
VCC
ACLK
SCLK
DIN
DOUT
CS
REF+
REF–
V–
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com