Electronic Components Datasheet Search
  English  ▼

X  

LTC1298CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1298CS8
Description  Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1298CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1298CS8 Datasheet HTML 11Page - Linear Technology LTC1298CS8 Datasheet HTML 12Page - Linear Technology LTC1298CS8 Datasheet HTML 13Page - Linear Technology LTC1298CS8 Datasheet HTML 14Page - Linear Technology LTC1298CS8 Datasheet HTML 15Page - Linear Technology LTC1298CS8 Datasheet HTML 16Page - Linear Technology LTC1298CS8 Datasheet HTML 17Page - Linear Technology LTC1298CS8 Datasheet HTML 18Page - Linear Technology LTC1298CS8 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
LTC1286/LTC1298
APPLICATION INFORMATION
BOARD LAYOUT CONSIDERATIONS
Grounding and Bypassing
The LTC1286/LTC1298 are easy to use if some care is
taken. They should be used with an analog ground plane
and single point grounding techniques. The GND pin
should be tied directly to the ground plane.
The VCC pin should be bypassed to the ground plane with
a 10
µF tantalum capacitor with leads as short as possible.
If the power supply is clean, the LTC1286/LTC1298 can
also operate with smaller 1
µF or less surface mount or
ceramic bypass capacitors. All analog inputs should be
referenced directly to the single point ground. Digital
inputs and outputs should be shielded from and/or routed
away from the reference and analog circuitry.
SAMPLE-AND-HOLD
Both the LTC1286 and the LTC1298 provide a built-in
sample-and-hold (S&H) function to acquire signals. The
S&H of the LTC1286 acquires input signals from “+” input
relative to “–” input during the tSMPL time (see Figure 1).
However, the S&H of the LTC1298 can sample input
signals in the single-ended mode or in the differential
inputs during the tSMPL time (see Figure 7).
Single-Ended Inputs
The sample-and-hold of the LTC1298 allows conversion
of rapidly varying signals. The input voltage is sampled
during the tSMPL time as shown in Figure 7. The sampling
interval begins as the bit preceding the MSBF bit is shifted
in and continues until the falling CLK edge after the MSBF
bit is received. On this falling edge, the S&H goes into hold
mode and the conversion begins.
Figure 7. LTC1298 “+” and “–” Input Settling Windows
CLK
DIN
DOUT
"+" INPUT
"–" INPUT
SAMPLE
HOLD
"+" INPUT MUST
SETTLE DURING
THIS TIME
tSMPL
tCONV
CS
SGL/DIFF
START
MSBF
DON'T CARE
1ST BIT TEST "–" INPUT MUST
SETTLE DURING THIS TIME
B11
LTC1096/8 • F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com