Electronic Components Datasheet Search
  English  ▼

X  

LTC1298CS8 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1298CS8
Description  Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1298CS8 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1298CS8 Datasheet HTML 15Page - Linear Technology LTC1298CS8 Datasheet HTML 16Page - Linear Technology LTC1298CS8 Datasheet HTML 17Page - Linear Technology LTC1298CS8 Datasheet HTML 18Page - Linear Technology LTC1298CS8 Datasheet HTML 19Page - Linear Technology LTC1298CS8 Datasheet HTML 20Page - Linear Technology LTC1298CS8 Datasheet HTML 21Page - Linear Technology LTC1298CS8 Datasheet HTML 22Page - Linear Technology LTC1298CS8 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
LTC1286/LTC1298
APPLICATION INFORMATION
If two pure sine waves of frequencies fa and fb are applied
to the ADC input, nonlinearities in the ADC transfer func-
tion can create distortion products at sum and difference
frequencies of mfa ± nfb, where m and n = 0, 1, 2, 3, etc.
For example, the 2nd order IMD terms include (fa + fb) and
(fa – fb) while 3rd order IMD terms include (2fa + fb),
(2fa – fb), (fa + 2fb), and (fa – 2fb). If the two input sine
waves are equal in magnitudes, the value (in dB) of the 2nd
order IMD products can be expressed by the following
formula:
IMD f
f
mplitude f
f
ab
ab
±
()=
±
()
20log
a
amplitude at fa
For input frequencies of 5kHz and 6kHz, the IMD of the
LTC1286/LTC1298 is 73dB with a 5V supply.
Peak Harmonic or Spurious Noise
The peak harmonic or spurious noise is the largest spec-
tral component excluding the input signal and DC. This
value is expressed in dBs relative to the RMS value of a full-
scale input signal.
Full-Power and Full-Linear Bandwidth
The full-power bandwidth is that input frequency at which
the amplitude of the reconstructed fundamental is re-
duced by 3dB for a full-scale input.
The full-linear bandwidth is the input frequency at which
the effective bits rating of the ADC falls to 11 bits. Beyond
this frequency, distortion of the sampled input signal
increases. The LTC1286/LTC1298 have been designed to
optimize input bandwidth, allowing the ADCs to
undersample input signals with frequencies above the
converters’ Nyquist Frequency.
Total Harmonic Distortion
Total Harmonic Distortion (THD) is the ratio of the RMS
sum of all harmonics of the input signal to the fundamental
itself. The out-of-band harmonics alias into the frequency
band between DC and half of the sampling frequency. THD
is defined as:
THD
=
+++ +
20log
VVV
V
V
2
2
3
2
4
2
N
2
1
...
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through VN are the amplitudes of the
second through the Nth harmonics. The typical THD speci-
fication in the Dynamic Accuracy table includes the 2nd
through 5th harmonics. With a 7kHz input signal, the
LTC1286/LTC1298 have typical THD of 80dB with VCC = 5V.
Intermodulation Distortion
If the ADC input signal consists of more than one spectral
component, the ADC transfer function nonlinearity can
produce intermodulation distortion (IMD) in addition
to THD. IMD is the change in one sinusoidal input
caused by the presence of another sinusoidal input at a
different frequency.
Figure 12. Effective Bits and S/(N + D) vs Input Frequency
INPUT FREQUENCY (kHz)
1
0
8
7
10
9
12
11
10
100
1000
LTC 1286/98 G20
6
50
44
62
56
74
68
38
5
4
3
2
1
TA = 25°C
VCC = 5V
fCLK = 200kHz
fSMPL = 12.5kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com