Electronic Components Datasheet Search
  English  ▼

X  

LTC1343 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1343
Description  Software-Selectable Multiprotocol Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1343 Datasheet(HTML) 4 Page - Linear Technology

  LTC1343 Datasheet HTML 1Page - Linear Technology LTC1343 Datasheet HTML 2Page - Linear Technology LTC1343 Datasheet HTML 3Page - Linear Technology LTC1343 Datasheet HTML 4Page - Linear Technology LTC1343 Datasheet HTML 5Page - Linear Technology LTC1343 Datasheet HTML 6Page - Linear Technology LTC1343 Datasheet HTML 7Page - Linear Technology LTC1343 Datasheet HTML 8Page - Linear Technology LTC1343 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LTC1343
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V (Notes 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPHL
Input to Output
(Figures 2, 7), CTRL = GND, 0
°C ≤ TA ≤ 70°C
q
35
80
115
ns
CTRL = VCC, 0°C ≤ TA ≤ 70°C
400
ns
(Figures 2, 7), CTRL = GND, –40
°C ≤ TA ≤ 85°C q
25
80
130
ns
CTRL = VCC, –40°C ≤ TA ≤ 85°C
400
ns
∆t
Input to Output Difference,
tPLH – tPHL(Figures 2, 7), 0°C ≤ TA ≤ 70°C
q
05
17
ns
(Figures 2, 7), –40
°C ≤ TA ≤ 85°C
q
05
25
ns
V.35 Driver
VOD
Differential Output Voltage
Open Circuit
6.0
V
With Load, – 4.0V
≤ VCM = 4.0V (Figure 3)
q
±0.44
±0.55
±0.66
V
IOH
Transmitter Output High Current
VA, B = 0V
q
– 12.6
– 11
– 9.4
mA
IOL
Transmitter Output Low Current
VA, B = 0V
q
9.4
11
12.6
mA
IOZ
Transmitter Output Leakage Current
– 0.25V
≤ VA, B ≤ 0.25V
q
±0.01
±100
µA
tr, tf
Rise or Fall Time
(Figures 3, 6)
5
ns
tPLH
Input to Output
(Figures 3, 6), 0
°C ≤ TA ≤ 70°C
q
25
45
75
ns
(Figures 3, 6), –40
°C ≤ TA ≤ 85°C
q
25
45
90
ns
tPHL
Input to Output
(Figures 3, 6), 0
°C ≤ TA ≤ 70°C
q
25
45
75
ns
(Figures 3, 6), –40
°C ≤ TA ≤ 85°C
q
25
45
90
ns
∆t
Input to Output Difference,
tPLH – tPHL(Figures 3, 6), 0°C ≤ TA ≤ 70°C
q
05
17
ns
(Figures 3, 6), –40
°C ≤ TA ≤ 85°C
q
05
25
ns
tSKEW
Output to Output Skew
(Figures 3, 6)
4
ns
V.35 Receiver
VTH
Differential Receiver Input
– 2V
≤ (VA + VB)/2 ≤ 2V (Figure 3)
q
– 0.2
0.2
V
Threshold Voltage
∆VTH
Receiver Input Hysteresis
– 2V
≤ (VA + VB)/2 ≤ 2V (Figure 3)
q
11
40
mV
IIN
Receiver Input Current (A, B)
– 10V
≤ VA, B ≤ 10V
q
±0.50
mA
RIN
Receiver Input Impedance
– 10V
≤ VA, B ≤ 10V
q
20
32
k
Ω
tr, tf
Rise or Fall Time
(Figures 3, 7)
15
ns
tPLH
Input to Output
(Figures 3, 7), 0
°C ≤ TA ≤ 70°C
q
80
115
ns
(Figures 3, 7), –40
°C ≤ TA ≤ 85°C
q
80
130
ns
tPHL
Input to Output
(Figures 3, 7), 0
°C ≤ TA ≤ 70°C
q
100
115
ns
(Figures 3, 7), –40
°C ≤ TA ≤ 85°C
q
100
130
ns
∆t
Input to Output Difference,
tPLH – tPHL(Figures 3, 7), 0°C ≤ TA ≤ 70°C
q
417
ns
(Figures 3, 7), –40
°C ≤ TA ≤ 85°C
q
425
ns
V.10 Driver
VO
Output Voltage
Open Circuit, RL = 3.9k
±4.0
±6.0
V
RL = 450Ω (Figure 4)
±3.6
V
VO at 450Ω > 0.9 VO at RL = 3.9k
Driver 1 Only
ISS
Short-Circuit Current
VO = GND; EIA-530, X.21, EIA-530-A Modes
±150
mA
IOZ
Output Leakage Current
– 0.25V
≤ VO ≤ 0.25V, Power Off or
q
±0.1
±100
µA
No-Cable Mode or Driver Disabled
tr, tf
Rise or Fall Time
(Figures 4, 8), RL = 450Ω, CL = 100pF
R423SET = 100k
4
µs
tPLH
Input to Output
(Figures 4, 8), RL = 450Ω, CL = 100pF
R423SET = 100k
8
µs
tPHL
Input to Output
(Figures 4, 8), RL = 450Ω, CL = 100pF
R423SET = 100k
8
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com