Electronic Components Datasheet Search
  English  ▼

X  

LTC1326CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1326CS8
Description  Micropower Precision Triple Supply Monitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1326CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1326CS8 Datasheet HTML 7Page - Linear Technology LTC1326CS8 Datasheet HTML 8Page - Linear Technology LTC1326CS8 Datasheet HTML 9Page - Linear Technology LTC1326CS8 Datasheet HTML 10Page - Linear Technology LTC1326CS8 Datasheet HTML 11Page - Linear Technology LTC1326CS8 Datasheet HTML 12Page - Linear Technology LTC1326CS8 Datasheet HTML 13Page - Linear Technology LTC1326CS8 Datasheet HTML 14Page - Linear Technology LTC1326CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1326/LTC1326-2.5
TYPICAL APPLICATIONS N
Triple Supply Monitor (3.3V, 5V and Adjustable)
1
2
3
4
8
7
6
5
VCC3
VCC5
VCCA
GND
PBR
SRST
RST
RST
LTC1326
3.3V
SYSTEM RESET
5V
R2
R1
1326/2.5 TA03
ADJUSTABLE SUPPLY
OR DC/DC FEEDBACK
DIVIDER
Dual Supply Monitor (3.3V or 5V Plus Adj)
REFER TO LTC1326 OVERRIDE FUNCTIONS IN
THE APPLICATIONS INFORMATION SECTION.
1
2
3
4
8
7
6
5
VCC3
VCC5
VCCA
GND
PBR
SRST
RST
RST
LTC1326
SYSTEM RESET
R2
1326/2.5 F01
R1
ADJUSTABLE
SUPPLY
3.3V OR
5V
4.7k
1
2
3
4
8
7
6
5
VCC3
VCC25
VCCA
GND
PBR
SRST
RST
RST
LTC1326-2.5
SYSTEM RESET
R2
1326/2.5 TA07
R1
ADJUSTABLE
SUPPLY
3.3V
4.7k
Dual Supply Monitor (3.3V Plus Adj)
Dual Supply Monitor (3.3V and 5V, Defeat VCCA Input)
1
2
3
4
8
7
6
5
VCC3
VCC5
VCCA
GND
PBR
SRST
RST
RST
LTC1326
3.3V
SYSTEM RESET
5V
1326/2.5 TA05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com