Electronic Components Datasheet Search
  English  ▼

X  

MMBT3904LRFG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # MMBT3904LRFG
Description  300mW, NPN Small Signal Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMBT3904LRFG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  MMBT3904LRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMBT3904LRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMBT3904LRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMBT3904LRFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
Min
Max
Min
Max
A
2.70
3.10
0.106
0.122
B
1.10
1.50
0.043
0.059
C
0.30
0.51
0.012
0.020
D
1.78
2.04
0.070
0.080
E
2.10
2.64
0.083
0.104
F
0.89
1.30
0.035
0.051
G
H
SUGGEST PAD LAYOUT
Z
X
Y
C
E
Document Number: DS_S1501029
Version: A15
MMBT3904L
Small Signal Product
ORDER INFORMATION (EXAMPLE)
SOT-23
DIM.
Unit(mm)
Unit(inch)
2.00
0.55 REF
0.022 REF
0.10 REF
0.004 REF
DIM
Unit (mm)
Unit (inch)
TYP
TYP
0.079
2.90
0.114
1.35
0.053
0.80
0.031
0.90
0.035
MMBT3904L RFG
Green compound code
Packing code
Part no.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com