Electronic Components Datasheet Search
  English  ▼

X  

MMBT3904LRFG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MMBT3904LRFG
Description  300mW, NPN Small Signal Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMBT3904LRFG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MMBT3904LRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMBT3904LRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMBT3904LRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMBT3904LRFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- Epitaxial planar die construction
- Surface device type mounting
- Moisture sensitivity level 1
- Matte Tin (Sn) lead finish with Nickel (Ni) underplate
- Pb free version and RoHS compliant
- Packing code with suffix "G" means
green compound (halogen-free)
- Case: SOT- 23, molded plastic
- Terminal: Matte tin plated, lead free,
solderable per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed: 260
oC/10s
- Weight: 8 mg (approximately)
- Marking Code: 1E
.
SYMBOL
UNIT
PD
mW
VCBO
V
VCEO
V
VEBO
V
IC
mA
TJ , TSTG
oC
Notes: Valid provided that electrodes are kept at ambient temperature
SYMBOL
UNIT
IC = 10 μAV(BR)CBO
V
IC = 1 mA
V(BR)CEO
V
IE = 10 μAV(BR)EBO
V
VCB = 60 V
ICBO
μA
VCE = 30 V
ICEO
nA
VEB = 5 V
IEBO
μA
VCE = 1 V
VCE = 1 V
VCE = 1 V
IC = 50 mA
VCE(sat)
V
IC = 50 mA
VBE(sat)
V
Transition frequency
VCE = 20 V
IC = 10 mA
fT
MHz
Delay time
VCC = 3 V
VBE = 0.5 V
td
ns
Rise time
tr
ns
Storage time
VCC = 3 V
ts
ns
Fall time
tf
ns
Document Number: DS_S1501029
Version: A15
MMBT3904L
Taiwan Semiconductor
Small Signal Product
300mW, NPN Small Signal Transistor
FEATURES
SOT-23
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
VALUE
Emitter-Base Voltage
6
Collector Current
200
Power Dissipation
300
Collector-Base Voltage
60
Collector-Emitter Voltage
40
Junction and Storage Temperature Range
-55 to +150
PARAMETER
MIN
MAX
Collector-Base Breakdown Voltage
IE = 0
60
-
Collector-Emitter Breakdown Voltage
IB = 0
40
-
Emitter-Base Breakdown Voltage
IC = 0
6-
Collector Cut-off Current
IE = 0
-0.1
Emitter Cut-off Current
IC = 0
-0.1
DC Current Gain
IC = 10 mA
hFE
100
IC = 50 mA
60
IC = 100 mA
30
0.3
IB = 5 mA
-
Base-Emitter Saturation Voltage
0.95
Collector-Emitter Saturation Voltage
IB = 5 mA
-
IC = 10 mA
-35
f= 100MHz
250
-
IB1 = 1.0 mA
-35
IC = 10 mA
-
200
IB1 = IB2 = 1.0 mA
-50
Collector Cut-off Current
VBE(OFF) = 3 V
-50
400
-
-


Similar Part No. - MMBT3904LRFG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT3904L ONSEMI-MMBT3904L Datasheet
164Kb / 6P
General Purpose Transistor(NPN Silicon)
February, 2004 ??Rev. 5
MMBT3904L ONSEMI-MMBT3904L Datasheet
143Kb / 7P
General Purpose Transistor
October, 2016 ??Rev. 13
logo
AiT Semiconductor Inc.
MMBT3904L AITSEMI-MMBT3904L Datasheet
1Mb / 9P
GENERAL PURPOSE TRANSISTOR NPN SILICON
REV1.0
logo
ON Semiconductor
MMBT3904L ONSEMI-MMBT3904L Datasheet
218Kb / 8P
General Purpose Transistor
August, 2021 - Rev. 14
logo
Unisonic Technologies
MMBT3904L-AE3-R UTC-MMBT3904L-AE3-R Datasheet
98Kb / 3P
GENERAL PURPOSE APPLIATION
More results

Similar Description - MMBT3904LRFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BC817-16 TSC-BC817-16 Datasheet
81Kb / 2P
300mW, NPN Small Signal Transistor
logo
Micro Commercial Compon...
BC847BS MCC-BC847BS_11 Datasheet
286Kb / 5P
Dual NPN Small Signal Transistor 300mW
logo
Taiwan Semiconductor Co...
BC817-16 TSC-BC817-16_10 Datasheet
902Kb / 2P
300mW, NPN Small Signal Transistor
MMBT2222A TSC-MMBT2222A Datasheet
214Kb / 3P
300mW, NPN Small Signal Transistor
MMBT3904 TSC-MMBT3904_10 Datasheet
309Kb / 3P
300mW, NPN Small Signal Transistor
MMBT3904 TSC-MMBT3904_11 Datasheet
518Kb / 3P
300mW, NPN Small Signal Transistor
BC817-16 TSC-BC817-16_14 Datasheet
255Kb / 4P
300mW, NPN Small Signal Transistor
MMBT2222A TSC-MMBT2222A_15 Datasheet
256Kb / 4P
300mW, NPN Small Signal Transistor
MMBT3904 TSC-MMBT3904_14 Datasheet
221Kb / 4P
300mW, NPN Small Signal Transistor
MMBTA05 TSC-MMBTA05_15 Datasheet
749Kb / 4P
300mW, NPN Small Signal Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com