Electronic Components Datasheet Search
  English  ▼

X  

MMBTA05 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MMBTA05
Description  300mW, NPN Small Signal Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMBTA05 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MMBTA05 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMBTA05 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMBTA05 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMBTA05 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBTA05
Taiwan Semiconductor
(TA=25°C unless otherwise noted)
Document Number: DS_S0000015
Version: B15
Small Signal Product
RATINGS AND CHARACTERISTICS CURVES
0
5
10
15
20
25
30
35
0123
4
VCE(V), COLLECTOR EMITTER VOLTAGE
FIG.1 Static Characteristic
IE=20uA
40uA
60uA
80uA
100uA
120uA
140uA
160uA
180uA
200uA
COMMON EMMITTER
10
100
1000
0.1
1.0
10.0
100.0
1000.0
COLLECTOR CURRENT IC(mA)
FIG. 2 hFE -IC
COMMON EMMITTER
VCE=1V
TA=25℃
TA=100℃
0
200
400
600
800
1000
0.1
1
10
100
1000
Ic(mA), COLLECTOR CURRENT
β=10
FIG. 3 VBE(sat) -IC
TA=25℃
TA=100℃
0.1
1
10
100
1000
0
200
400
600
800
1000
VBE(V), BASE EMITTER VOLTAGE
FIG. 5 IC -VBE
COMMON EMMITTER
VCE=1V
TA=25℃
TA=100℃
10
100
1000
0.1
1
10
100
1000
Ic(mA), COLLECTOR CURRENT
FIG. 4 VCE(sat) -IC
β=10
TA=25℃
TA=100℃
10
100
1000
0
1020
30405060
70
Ic(mA), COLLECTOR CURRENT
FIG. 6 fT -IC
COMMON EMMITTER
VCE=2V
TA=25℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com