Electronic Components Datasheet Search
  English  ▼

X  

MMBTA05 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # MMBTA05
Description  300mW, NPN Small Signal Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMBTA05 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  MMBTA05 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMBTA05 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMBTA05 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMBTA05 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBTA05
Taiwan Semiconductor
ORDER INFORMATION (EXAMPLE)
PACKAGE OUTLINE DIMENSIONS
Min
Max
Min
Max
A
2.70
3.10
0.106
0.122
B
1.10
1.50
0.043
0.059
C
0.30
0.51
0.012
0.020
D
1.78
2.04
0.070
0.080
E
2.10
2.64
0.083
0.104
F
0.89
1.30
0.035
0.051
G
H
SUGGEST PAD LAYOUT
Z
X
Y
C
E
Document Number: DS_S0000015
Version: B15
1.9
0.07
1.0
0.04
2.8
0.11
0.7
0.03
0.9
0.04
0.004 REF
DIM
Unit (mm)
Unit (inch)
TYP
TYP
SOT-23
DIM.
Unit(mm)
Unit(inch)
Small Signal Product
0.55 REF
0.022 REF
0.10 REF
1
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE, V(V)
FIG. 7 Cob/Cib - VCB/VEB
f = 1MHz
IE=0, IC=0
Cib
Cob
0
100
200
300
400
0
25
50
75
100
125
150
AMBIENT TEMPERATURE TA(℃)
FIG. 8 PC -TA
MMBTA05 RUG
Green compound code
Packing code
Part no.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com