Electronic Components Datasheet Search
  English  ▼

X  

LTC1405 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1405
Description  12-Bit, 5Msps, Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1405 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1405 Datasheet HTML 8Page - Linear Technology LTC1405 Datasheet HTML 9Page - Linear Technology LTC1405 Datasheet HTML 10Page - Linear Technology LTC1405 Datasheet HTML 11Page - Linear Technology LTC1405 Datasheet HTML 12Page - Linear Technology LTC1405 Datasheet HTML 13Page - Linear Technology LTC1405 Datasheet HTML 14Page - Linear Technology LTC1405 Datasheet HTML 15Page - Linear Technology LTC1405 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1405
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 2000
1405i LT/TP 0100 4K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1420
12-Bit, 10Msps, Sampling ADC
Pin Compatible with LTC1405
LTC1412
12-Bit, 3Msps, Sampling ADC with Parallel Output
Best Dynamic Performance, SINAD = 72dB at Nyquist
LTC1415
Single 5V, 12-Bit, 1.25Msps with Parallel Output
55mW Power Dissipation, 72dB SINAD
LT1019
Precision Bandgap Reference
0.05% Max Initial Accuracy, 5ppm/
°C Max Drift
TYPICAL APPLICATIO
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise specified.
GN Package
28-Lead Plastic SSOP (Narrow 0.150)
(LTC DWG # 05-08-1641)
Dual Supply, 5Msps, 12-Bit ADC with 71.3dB SINAD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
+AIN
–AIN
VCM
SENSE
VREF
GND
VDD
GND
D11
D10
D9
D8
D7
D6
GAIN
OF
CLK
VSS
GND
VDD
OVDD
OGND
D0
D1
D2
D3
D4
D5
5V
ANALOG INPUT
(
±2.048V)
30
Ω
LTC1405
5V
1
µF
5V
–5V
1
µF
12-BIT
PARALLEL DATA
PLUS OVERFLOW
1000pF, NPO
1
µF
1
µF
1405 TA04
1
µF
5MHz CLOCK
GN28 (SSOP) 1098
* DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
0.016 – 0.050
(0.406 – 1.270)
0.015
± 0.004
(0.38
± 0.10)
× 45°
0
° – 8° TYP
0.0075 – 0.0098
(0.191 – 0.249)
0.053 – 0.069
(1.351 – 1.748)
0.008 – 0.012
(0.203 – 0.305)
0.004 – 0.009
(0.102 – 0.249)
0.0250
(0.635)
BSC
0.386 – 0.393*
(9.804 – 9.982)
12
3
4
5
6
7
8
9 10 11 12
0.229 – 0.244
(5.817 – 6.198)
0.150 – 0.157**
(3.810 – 3.988)
20
21
22
23
24
25
26
27
28
19 18 17
13 14
1615
0.033
(0.838)
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com