Electronic Components Datasheet Search
  English  ▼

X  

LTC1405 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1405
Description  12-Bit, 5Msps, Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1405 Datasheet(HTML) 5 Page - Linear Technology

  LTC1405 Datasheet HTML 1Page - Linear Technology LTC1405 Datasheet HTML 2Page - Linear Technology LTC1405 Datasheet HTML 3Page - Linear Technology LTC1405 Datasheet HTML 4Page - Linear Technology LTC1405 Datasheet HTML 5Page - Linear Technology LTC1405 Datasheet HTML 6Page - Linear Technology LTC1405 Datasheet HTML 7Page - Linear Technology LTC1405 Datasheet HTML 8Page - Linear Technology LTC1405 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1405
PI FU CTIO S
+AIN (Pin 1): Positive Analog Input.
–AIN (Pin 2): Negative Analog Input.
VCM (Pin 3): 2.5V Reference Output.Optional input com-
mon mode for single supply operation. Bypass to GND
with a 1
µF to 10µF ceramic.
SENSE (Pin 4): Reference Programming Pin. Ground
selects VREF = 4.096V. Short to VREF for 2.048V. Connect
SENSE to VDD to drive VREF with an external reference.
VREF (Pin 5): DAC Reference. Bypass to GND with a 1µF to
10
µF ceramic.
GND (Pin 6): DAC Reference Ground.
VDD (Pin 7): Analog 5V Supply. Bypass to GND with a 1µF
to 10
µF ceramic.
GND (Pin 8): Analog Power Ground.
D11 to D0 (Pins 9 to 20): Data Outputs. The output format
is two’s complement.
OGND (Pin 21): Output Logic Ground. Tie to GND.
OVDD (Pin 22): Positive Supply for the Output Logic.
Connect to Pin 23 for 5V logic. If not shorted to Pin 23,
bypass to GND with a 1
µF ceramic.
VDD (Pin 23): Analog 5V Supply. Bypass to GND with a 1µF
ceramic.
GND (Pin 24): Analog Power Ground.
VSS (Pin 25): Negative Supply. Can be – 5V or 0V. If VSS is
not shorted to GND, bypass to GND with a 1
µF ceramic.
CLK (Pin 26): Conversion Start Signal. This active high
signal starts a conversion on its rising edge.
OF (Pin 27): Overflow Output. This signal is high when the
digital output is 011111111111 or 100000000000.
GAIN (Pin 28): Gain Select for Input PGA. 5V selects an
input gain of 1, 0V selects a gain of 2.
Note 6: Dynamic specifications are guaranteed for dual supply operation
with a single-ended + AIN input and – AIN grounded. For single supply
dynamic specifications, refer to the Typical Performance Characteristics.
Note 7: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 8: Bipolar offset is the offset voltage measured from –0.5LSB
when the output code flickers between 0000 0000 0000 and
1111 1111 1111.
Note 9: Guaranteed by design, not subject to test.
Note 10: Recommended operating conditions.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com