Electronic Components Datasheet Search
  English  ▼

X  

LTC1406 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1406
Description  Low Power, 8-Bit, 20Msps, Sampling A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1406 Datasheet(HTML) 3 Page - Linear Technology

  LTC1406 Datasheet HTML 1Page - Linear Technology LTC1406 Datasheet HTML 2Page - Linear Technology LTC1406 Datasheet HTML 3Page - Linear Technology LTC1406 Datasheet HTML 4Page - Linear Technology LTC1406 Datasheet HTML 5Page - Linear Technology LTC1406 Datasheet HTML 6Page - Linear Technology LTC1406 Datasheet HTML 7Page - Linear Technology LTC1406 Datasheet HTML 8Page - Linear Technology LTC1406 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1406
ACCURACY
IC
DY A
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
S/(N + D) Signal-to-Noise Plus Distortion Ratio
1MHz Input Signal
48.5
dB
10MHz Input Signal
47.5
dB
THD
Total Harmonic Distortion
1MHz Input Signal, First 5 Harmonics
– 62
dB
10MHz Input Signal, First 5 Harmonics
– 59
dB
SFDR
Spurious Free Dynamic Range
1MHz Input Signal
63
dB
10MHz Input Signal
60
dB
IMD
Intermodulation Distortion
fIN1 = 3.500977MHz, fIN2 = 3.598633MHz
60
dB
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AVDD
Analog Positive Supply Voltage
(Note 10)
4.75
5.25
V
DVDD
Digital Positive Supply Voltage
(Note 10)
4.75
5.25
V
OVDD
Output Positive Supply Voltage
(Note 10)
2.7
5.25
V
VBIAS
Internal Bias Voltage
When Externally Driven (Note 10)
1.9
2.2
2.5
V
VREF
Reference Voltage
(Note 10)
2
2.5
3
V
OGND
Output Ground
(Note 10)
0
2
V
IDD
Positive Supply Current
AVDD = DVDD = OVDD = 5V, fSMPL = 20MHz (Note 13)
q
30
45
mA
PD
Power Dissipation
q
150
225
mW
Power Down Positive Supply Current
SHDN = 0V, CLK = VDD or 0
1
10
µA
Power Down Power Dissipation
SHDN = 0V, CLK = VDD or 0
5
50
µW
(Note 5)
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
DIGITAL I PUTS AND OUTPUTS
(Note 5)
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
POWER REQUIRE E TS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V
q
2.4
V
VIL
Low Level Input Voltage
VDD = 4.75V
q
0.8
V
IIN
Digital Input Current
VIN = 0V to VDD
q
±5
µA
CIN
Digital Input Capacitance
5pF
VOH
High Level Output Voltage
VDD = 4.75V, IO = – 10µA
4.5
V
VDD = 4.75V, IO = – 200µA
q
4.0
V
VOL
Low Level Output Voltage
VDD = 4.75V, IO = 160µA
0.05
V
VDD = 4.75V, IO = 1.6mA
q
0.10
0.4
V
ISOURCE
Output Source Current
VOUT = 0V
– 20
mA
ISINK
Output Sink Current
VOUT = VDD
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com