Electronic Components Datasheet Search
  English  ▼

X  

LTC1406 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1406
Description  Low Power, 8-Bit, 20Msps, Sampling A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1406 Datasheet(HTML) 5 Page - Linear Technology

  LTC1406 Datasheet HTML 1Page - Linear Technology LTC1406 Datasheet HTML 2Page - Linear Technology LTC1406 Datasheet HTML 3Page - Linear Technology LTC1406 Datasheet HTML 4Page - Linear Technology LTC1406 Datasheet HTML 5Page - Linear Technology LTC1406 Datasheet HTML 6Page - Linear Technology LTC1406 Datasheet HTML 7Page - Linear Technology LTC1406 Datasheet HTML 8Page - Linear Technology LTC1406 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1406
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT CODE
0
256
1406 G07
64
128
192
1.0
0.5
0
–0.5
–1.0
32
96
160
224
Supply Current vs
Sampling Frequency
SAMPLING FREQUENCY (Hz)
100k
35
30
25
20
15
10
5
0
1M
10M
1406 G09
20M
INPUT FREQUENCY (Hz)
100k
70
60
50
40
30
20
10
0
1M
10M
100M
1406 G04
Intermodulation Distortion Plot
FREQUENCY (MHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1406 G05
0123
4
5
67
8
9
10
fSAMPLE = 20MHz
fIN1 = 3.500977MHz
fIN2 = 3.598633MHz
Differential Nonlinearity
vs Output Code
OUTPUT CODE
0
256
1406 G06
64
128
192
1.0
0.5
0
–0.5
–1.0
32
96
160
224
INPUT FREQUENCY (Hz)
100k
70
60
50
40
30
20
10
0
1M
10M
100M
1406 G08
Input Common Mode Rejection
vs Input Frequency
Integral Nonlinearity
vs Output Code
Spurious-Free Dynamic Range
vs Input Frequency
PIN FUNCTIONS
OGND (Pin 1): Digital Data Output Ground. Tie to analog
ground plane. May be tied to logic ground if desired.
OVDD (Pin 2): Digital Data Output Supply. Normally tied to
5V, can be used to interface with 3V digital logic. Bypass
to OGND with 10
µF tantalum in parallel with 0.1µF or 10µF
ceramic.
SHDN (Pin 3): Power Shutdown Input. Logic low selects
shutdown.
VBIAS (Pin 4): Internal Bias Voltage. Internally set to 2.2V.
Bypass to analog ground plane with 10
µF tantalum in par-
allel with 0.1
µF or 10µF ceramic.
VREF (Pin 5): External 2.5V Reference Input. Bypass to
analog ground plane with 10
µF tantalum in parallel with
0.1
µF or 10µF ceramic.
AGND (Pin 6): Analog Ground. Tie to analog ground plane.
AIN+ (Pin 7): ±1V Input. The maximum output code
occurs when [(AIN+) – (AIN–)] = 1V. The minimum output
code occurs when [(AIN
+) – (AIN–)] = –1V.
AIN– (Pin 8): ±1V Input. The maximum output code
occurs when [(AIN+) – (AIN–)] = 1V. The minimum output
code occurs when [(AIN
+) – (AIN–)] = –1V. For single-
ended operation, tie AIN– to a DC voltage (e.g., VREF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com