Electronic Components Datasheet Search
  English  ▼

X  

LTC1409C Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1409C
Description  12-Bit, 800ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1409C Datasheet(HTML) 1 Page - Linear Technology

  LTC1409C Datasheet HTML 1Page - Linear Technology LTC1409C Datasheet HTML 2Page - Linear Technology LTC1409C Datasheet HTML 3Page - Linear Technology LTC1409C Datasheet HTML 4Page - Linear Technology LTC1409C Datasheet HTML 5Page - Linear Technology LTC1409C Datasheet HTML 6Page - Linear Technology LTC1409C Datasheet HTML 7Page - Linear Technology LTC1409C Datasheet HTML 8Page - Linear Technology LTC1409C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1409
12-Bit, 800ksps Sampling
A/D Converter with Shutdown
S
FEATURE
DESCRIPTIO
The LTC
®1409 is a 1
µs, 800ksps, sampling 12-bit A/D
converter that draws only 80mW from
±5V supplies. This
easy-to-use device includes a high dynamic range sample-
and-hold and a precision reference. Two digitally selectable
power Shutdown modes provide flexibility for low power
systems.
The LTC1409 full-scale input range is
±2.5V. Maximum
DC specs include
±1LSB INL and ±1LSB DNL over tem-
perature. Outstanding AC performance includes 72.5dB
S/(N + D) at the Nyquist input frequency of 400kHz.
The unique differential input sample-and-hold can acquire
single-ended or differential input signals up to its 20MHz
bandwidth. The 60dB common mode rejection allows
users to eliminate ground loops and common mode noise
by measuring signals differentially from the source.
The ADC has a
µP compatible, 12-bit parallel output port.
There is no pipeline delay in the conversion results.
A separate convert start input and a data ready signal
(BUSY) ease connections to FIFOs, DSPs and micropro-
cessors. A digital output driver power supply pin allows
direct connection to 3V logic.
s
Sample Rate: 800ksps
s
Power Dissipation: 80mW
s
72.5dB S/(N + D) and 86dB THD at Nyquist
s
No Pipeline Delay
s
Nap (4mW) and Sleep (10
µW) Shutdown Modes
s
Operates with Internal 15ppm/
°C Reference
or External Reference
s
True Differential Inputs Reject Common Mode Noise
s
20MHz Full Power Bandwidth Sampling
s
±2.5V Bipolar Input Range
s
28-Pin SO Wide and SSOP Package
S
APPLICATI
s
Telecommunications
s
Digital Signal Processing
s
Multiplexed Data Acquisition Systems
s
High Speed Data Acquisition
s
Spectrum Analysis
s
Imaging Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATI
TYPICAL
800kHz, 12-Bit Sampling A/D Converter
Effective Bits and Signal-to-(Noise + Distortion)
vs Input Frequency
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
+AIN
–AIN
VREF
REFCOMP
AGND
D11(MSB)
D10
D9
D8
D7
D6
D5
D4
DGND
AVDD
OVDD
VSS
BUSY
CS
CONVST
RD
SHDN
NAP/SLP
OGND
D0
D1
D2
D3
LTC1409
10
µF
DIFFERENTIAL
ANALOG INPUT
(–2.5V TO 2.5V)
2.50V
VREF OUTPUT
10
µF
10
µF
–5V
5V
12-BIT
PARALLEL
BUS
µP CONTROL
LINES
LTC1409 • TA01
INPUT FREQUENCY (Hz)
2
4
6
8
10
10k
100k
1M
10M
LTC1409 • TA02
0
1k
12
74
68
62
56
50
NYQUIST
FREQUENCY
fSAMPLE = 800ksps


Similar Part No. - LTC1409C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1409 LINER-LTC1409_15 Datasheet
353Kb / 20P
12-Bit, 800ksps Sampling A/D Converter with Shutdown
More results

Similar Description - LTC1409C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1278 LINER-LTC1278 Datasheet
329Kb / 16P
12-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1410 LINER-LTC1410 Datasheet
148Kb / 16P
12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419 Datasheet
401Kb / 20P
14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_1 Datasheet
263Kb / 20P
14-Bit, 800ksps Sampling A/D Converter with Shutdown
logo
Austin Semiconductor
AS1419 AUSTIN-AS1419 Datasheet
1,010Kb / 20P
14 Bit, 800ksps Sampling A/D Converter with Shutdown
logo
Linear Technology
LTC1279 LINER-LTC1279_15 Datasheet
285Kb / 16P
12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278_15 Datasheet
289Kb / 16P
12-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409_15 Datasheet
353Kb / 20P
12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_15 Datasheet
269Kb / 20P
14-Bit, 800ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com