Electronic Components Datasheet Search
  English  ▼

X  

LTC1409C Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1409C
Description  12-Bit, 800ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1409C Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1409C Datasheet HTML 12Page - Linear Technology LTC1409C Datasheet HTML 13Page - Linear Technology LTC1409C Datasheet HTML 14Page - Linear Technology LTC1409C Datasheet HTML 15Page - Linear Technology LTC1409C Datasheet HTML 16Page - Linear Technology LTC1409C Datasheet HTML 17Page - Linear Technology LTC1409C Datasheet HTML 18Page - Linear Technology LTC1409C Datasheet HTML 19Page - Linear Technology LTC1409C Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC1409
S
APPLICATI
I FOR ATIO
t3
NAP/SLP
SHDN
LTC1409 • F14a
Figure 14a. NAP/SLP to SHDN Timing
t2
t1
CS
CONVST
RD
LTC1409 • F15
Figure 15. CS to CONVST Setup Timing
t4
SHDN
CONVST
LTC1409 • F14b
Figure 14b. SHDN to CONVST Wake-Up Timing
DATA (N – 1)
DB11 TO DB0
CONVST
BUSY
LTC1409 • F16
t5
tCONV
t6
t8
t7
DATA N
DB11 TO DB0
DATA (N + 1)
DB11 TO DB0
DATA
Figure 16. Mode 1a. CONVST Starts a Conversion. Data Outputs Always Enabled
(CONVST =
)
can be latched with the BUSY rising edge. Mode 1a shows
operation with a narrow logic low CONVST pulse. Mode 1b
shows a narrow logic high CONVST pulse.
In mode 2 (Figure 18) CS is tied low. The falling edge of
CONVST signal again starts the conversion. Data outputs
are in three-state until read by the MPU with the RD signal.
Mode 2 can be used for operation with a shared MPU
databus.
In slow memory and ROM modes (Figures 19 and 20) CS
is tied low and CONVST and RD are tied together. The MPU
starts the conversion and reads the output with the RD
signal. Conversions are started by the MPU or DSP (no
external sample clock).
In slow memory mode the processor applies a logic low to
RD (= CONVST) starting the conversion. BUSY goes low
forcing the processor into a WAIT state. The previous
conversion result appears on the data outputs. When the
conversion is complete, the new conversion results ap-
pear on the data outputs; BUSY goes high releasing the
processor, and the processor takes RD (= CONVST) back
high and reads the new conversion data.
In ROM mode, the processor takes RD (= CONVST) low,
starting a conversion and reading the previous conversion
result. After the conversion is complete, the processor can
read the new result and initiate another conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com