Electronic Components Datasheet Search
  English  ▼

X  

LTC1410 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1410
Description  12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1410 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1410 Datasheet HTML 8Page - Linear Technology LTC1410 Datasheet HTML 9Page - Linear Technology LTC1410 Datasheet HTML 10Page - Linear Technology LTC1410 Datasheet HTML 11Page - Linear Technology LTC1410 Datasheet HTML 12Page - Linear Technology LTC1410 Datasheet HTML 13Page - Linear Technology LTC1410 Datasheet HTML 14Page - Linear Technology LTC1410 Datasheet HTML 15Page - Linear Technology LTC1410 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1410
1410fa LT/TP 0399 2K REV A • PRINTED IN USA
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
SW Package
28-Lead Plastic Small Outline (Wide 0.300)
(LTC DWG # 05-08-1620)
RELATED PARTS
12-Bit Sampling A/D Converters
PART NUMBER
DESCRIPTION
COMMENTS
LTC1273/75/76
Complete 5V Sampling 12-Bit ADCs
Lower Power and Cost Effective for fSAMPLE ≤ 300ksps
with 70dB SINAD at Nyquist
LTC1274/77
Low Power 12-Bit ADCs with Nap
Lowest Power for fSAMPLE ≤ 100ksps
and Sleep Mode Shutdown
LTC1278/79
High Speed Sampling 12-Bit ADCs
Cost Effective 12-Bit ADCs –– Best for 2-Pair HDSL,
with Shutdown
fSAMPLE ≤ 500ksps/600ksps
LTC1282
Complete 3V 12-Bit ADCs with
Fully Specified for 3V-Powered Applications, fSAMPLE ≤ 140ksps
12mW Power Dissipation
©LINEAR TECHNOLOGY CORPORATION 1995
S28 (WIDE) 0996
0
° – 8° TYP
NOTE 1
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299**
(7.391 – 7.595)
× 45°
0.010 – 0.029
(0.254 – 0.737)
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP
0.014 – 0.019
(0.356 – 0.482)
TYP
NOTE 1
0.697 – 0.712*
(17.70 – 18.08)
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
910
25
26
11
12
22
21
20
19
18
17
16
15
23
24
14
13
27
28
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com