Electronic Components Datasheet Search
  English  ▼

X  

LTC1410 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1410
Description  12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1410 Datasheet(HTML) 5 Page - Linear Technology

  LTC1410 Datasheet HTML 1Page - Linear Technology LTC1410 Datasheet HTML 2Page - Linear Technology LTC1410 Datasheet HTML 3Page - Linear Technology LTC1410 Datasheet HTML 4Page - Linear Technology LTC1410 Datasheet HTML 5Page - Linear Technology LTC1410 Datasheet HTML 6Page - Linear Technology LTC1410 Datasheet HTML 7Page - Linear Technology LTC1410 Datasheet HTML 8Page - Linear Technology LTC1410 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1410
TYPICAL PERFORMANCE CHARACTERISTICS
S/(N + D) vs Input Frequency
and Amplitude
Distortion vs Input Frequency
INPUT FREQUENCY (Hz)
1k
80
70
60
50
40
30
20
10
0
10k
100k
1410 G01
1M
10M
VIN = 0dB
VIN = –20dB
VIN = –60dB
fSAMPLE = 1.25MHz
INPUT FREQUENCY (Hz)
1k
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10k
100k
1410 G03
1M
10M
THD
2ND
3RD
Spurious-Free Dynamic Range vs
Input Frequency
Integral Nonlinearity vs
Output Code
Differential Nonlinearity vs
Output Code
INPUT FREQUENCY (Hz)
10k
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
100k
1M
10M
1410 G04
Input Common Mode Rejection
vs Input Frequency
INPUT FREQUENCY (Hz)
1k
80
70
60
50
40
30
20
10
0
10k
100k
1410 G09
1M
10M
Signal-to-Noise Ratio vs
Input Frequency
INPUT FREQUENCY (Hz)
1k
80
70
60
50
40
30
20
10
0
10k
100k
1410 G02
1M
10M
Intermodulation Distortion Plot
FREQUENCY (kHz)
0
0
–20
–40
–60
–80
–100
–120
100
200
300
400
1410 G05
500
600
fSAMPLE = 1.25MHz
fIN1 = 88.19580078kHz
fIN2 = 111.9995117kHz
Power Supply Feedthrough
vs Ripple Frequency
RIPPLE FREQUENCY (Hz)
0
–20
–40
–60
–80
–100
–120
1k
100k
1M
10M
1410 G08
10k
VRIPPLE = 0.1V
VSS
VDD
DGND
OUTPUT CODE
0
4096
1410 G07
1024
2048
3072
1.0
0.5
0
–0.5
–1.0
512
1536
2560
3504
OUTPUT CODE
0
4096
1410 G06
1024
2048
3072
1.0
0.5
0
–0.5
–1.0
512
1536
2560
3504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com