Electronic Components Datasheet Search
  English  ▼

X  

UR2KB100 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # UR2KB100
Description  Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UR2KB100 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  UR2KB100 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UR2KB100 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UR2KB100 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UR2KB100 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
13.50
14.10
0.531
0.555
B
0.70
1.40
0.028
0.055
C
11.70
12.30
0.461
0.484
D
10.50
11.10
0.413
0.437
E
11.70
12.30
0.461
0.484
F
1.10
1.40
0.043
0.055
G
3.51
4.11
0.138
0.162
H
6.70
7.30
0.264
0.287
I
1.10
1.50
0.043
0.059
J
1.05
1.25
0.041
0.049
K
0.66
0.86
0.026
0.034
L
2.90
3.30
0.114
0.130
M
2.40
2.80
0.094
0.110
N
3.10
3.40
0.122
0.134
O
1.00
1.40
0.039
0.055
P
0.40
0.80
0.016
0.031
Q
1.80
2.40
0.071
0.094
R
0.40
0.60
0.016
0.024
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number: DS_D1312017
Version: J13
MARKING DIAGRAM
UR2KB60 thru UR2KB100
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
0
1
2
3
4
5
0
1234
FORWARD RECTIFIED CURRENT Io (A)
FIG. 5 FORWARD POWER DISSIPATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com