Electronic Components Datasheet Search
  English  ▼

X  

UR2KB100 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # UR2KB100
Description  Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UR2KB100 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UR2KB100 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UR2KB100 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UR2KB100 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UR2KB100 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Ideal for printed circuit board
- High case dielectric strength
- High surge current capability
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
V
VRMS
V
VDC
V
I
2tA2s
IR
μA
Vdis
KV
TJ
OC
TSTG
OC
Document Number: DS_D1312017
Version: J13
MECHANICAL DATA
D3K
UR2KB60 thru UR2KB100
Taiwan Semiconductor
Glass Passivated Bridge Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Case:
D3K
62
A
600
Mounting Torque:
0.8 N.M max.
Weight:
1.24 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Maximum repetitive peak reverse voltage
800
UNIT
Maximum RMS voltage
560
700
V
Maximum DC reverse current at rated DC blocking voltage
10
Maximum DC blocking voltage
Maximum average forward current Without heat sink TA=25℃
60Hz sine wave resistance load
With heat sink
TC=143℃
IF(AV)
1.2
2.0
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
Note 1: Pulse Test with PW=300μs,1% Duty Cycle
Dielectric Strength (Terminal to Case, AC 1minute)
2
Typical Thermal Resistance
RθJC
RθJL
RθJA
2.3
2.8
13.4
Rating of fusing ( t < 8.3ms)
420
OC/W
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
Maximum instantaneous forward voltage (Note 1)
IF= 1 A
VF
1.05
A
15.9
1000
PARAMETER
SYMBOL
UR2KB
60
UR2KB
80
UR2KB
100
600
800
1000


Similar Part No. - UR2KB100

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UR2KB100 TSC-UR2KB100 Datasheet
1,003Kb / 2P
Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
UR2KB100 TSC-UR2KB100 Datasheet
578Kb / 2P
Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
UR2KB100 TSC-UR2KB100 Datasheet
212Kb / 2P
Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
UR2KB100 TSC-UR2KB100 Datasheet
200Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Zibo Seno Electronic En...
UR2KB100 ZSELEC-UR2KB100 Datasheet
116Kb / 2P
2.0A BRIDGE RECTIFIER
More results

Similar Description - UR2KB100

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL400G NJSEMI-KBL400G Datasheet
152Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB30A BYTESONIC-MB30A Datasheet
298Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/5/7
logo
HY ELECTRONIC CORP.
GBU35005 HY-GBU35005_V01 Datasheet
431Kb / 3P
Glass Passivated Bridge Rectifiers
GBP005 HY-GBP005_V01 Datasheet
491Kb / 3P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com