Electronic Components Datasheet Search
  English  ▼

X  

LTC1416 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1416
Description  Low Power 14-Bit, 400ksps Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1416 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1416 Datasheet HTML 2Page - Linear Technology LTC1416 Datasheet HTML 3Page - Linear Technology LTC1416 Datasheet HTML 4Page - Linear Technology LTC1416 Datasheet HTML 5Page - Linear Technology LTC1416 Datasheet HTML 6Page - Linear Technology LTC1416 Datasheet HTML 7Page - Linear Technology LTC1416 Datasheet HTML 8Page - Linear Technology LTC1416 Datasheet HTML 9Page - Linear Technology LTC1416 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1416
PI FU CTIO S
AIN+ (Pin 1): ±2.5V Positive Analog Input.
AIN– (Pin 2): ±2.5V Negative Analog Input.
VREF (Pin 3): 2.5V Reference Output. Bypass to AGND
with 1
µF.
REFCOMP (Pin 4): 4.06V Reference Output. Bypass to
AGND with 22
µF tantalum in parallel with 0.1µF
ceramic, or 22
µF ceramic.
AGND (Pin 5): Analog Ground.
D13 to D6 (Pins 6 to 13): Three-State Data Outputs.
DGND (Pin 14): Digital Ground for Internal Logic. Tie to
AGND.
D5 to D0 (Pins 15 to 20): Three-State Data Outputs.
SHDN (Pin 21): Power Shutdown Input. Low selects
shutdown. Shutdown mode selected by CS. CS = 0 for
nap mode and CS = 1 for sleep mode.
RD (Pin 22): Read Input. This enables the output
drivers when CS is low.
FU CTIO AL BLOCK DIAGRA
CONVST (Pin 23): Conversion Start Signal. This active
low signal starts a conversion on its falling edge.
CS (Pin 24): The Chip Select input must be low for the
ADC to recognize CONVST and RD inputs. CS also sets
the shutdown mode when SHDN goes low. CS and
SHDN low select the quick wake-up nap mode. CS high
and SHDN low select sleep mode.
BUSY (Pin 25): The BUSY output shows the converter
status. It is low when a conversion is in progress. Data
is valid on the rising edge of BUSY.
VSS (Pin 26): –5V Negative Supply. Bypass to AGND
with 10
µF tantalum in parallel with 0.1µF ceramic, or
10
µF ceramic.
DVDD (Pin 27): 5V Positive Supply. Tie to Pin 28.
AVDD (Pin 28): 5V Positive Supply. Bypass to AGND
with 10
µF tantalum in parallel with 0.1µF ceramic, or
10
µF ceramic.
14-BIT CAPACITIVE DAC
COMP
REF AMP
2.5V REF
4k
REFCOMP
(4.06V)
CSAMPLE
CSAMPLE
•
•
•
D13
D0
BUSY
CONTROL LOGIC
CS
CONVST
RD
SHDN
INTERNAL
CLOCK
ZEROING SWITCHES
DVDD
VSS
AVDD
AIN
+
AIN
–
VREF
AGND
DGND
14
1416 BD
+
–
SUCCESSIVE APPROXIMATION
REGISTER
OUTPUT LATCHES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com